Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST1284-03 Datasheet(PDF) 5 Page - STMicroelectronics

Part # ST1284-03
Description  PARALLEL PORT SINGLE TERMINATION NETWORK WITH ±15kV ESD PROTECTION
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST1284-03 Datasheet(HTML) 5 Page - STMicroelectronics

  ST1284-03 Datasheet HTML 1Page - STMicroelectronics ST1284-03 Datasheet HTML 2Page - STMicroelectronics ST1284-03 Datasheet HTML 3Page - STMicroelectronics ST1284-03 Datasheet HTML 4Page - STMicroelectronics ST1284-03 Datasheet HTML 5Page - STMicroelectronics ST1284-03 Datasheet HTML 6Page - STMicroelectronics ST1284-03 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
5/7
ST1284-xxA8/T8
To have a good approximation of the remaining voltages at both Vin and Vout stages, we give the typical
dynamical resistance value Rd. By taking into account these following hypothesis : Rt>Rd, Rg>Rd and
Rload>Rd, it gives these formulas:
Vinput
RV
RV
R
gBR
d
PP
g
=
+
..
Voutput
R V
R Vinput
R
tBR
d
t
=
+
..
The results of the calculation done for VPP=8kV, Rg=330
Ω (IEC61000-4-2 standard), VBR=7V (typ.)
and Rd = 1
Ω (typ.) give:
Vinput = 31.2 V
Voutput = 7.95 V
This confirms the very low remaining voltage across the device to be protected. It is also important to note
that in this approximation the parasitic inductance effect was not taken into account. This could be few
tenths of volts during few ns at the input side. This parasitic effect is not present at the output side due the
low current involved after the resistance R.
The measurements done here after show very clearly (Fig. A5) the high efficiency of the ESD protection :
- no influence of the parasitic inductances on Vout stage
- Voutput clamping voltage very close to VBR (positive strike) and -VF (negative strike)
ST1284
Vinput
Voutput
ESD
SURGE
Fig. A4: Measurement conditions
Fig. A5: Remaining voltage at the input and output of the device during a ±16kV ESD surge
(IEC61000-4-2).



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com