Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST1284-03 Datasheet(PDF) 6 Page - STMicroelectronics

Part # ST1284-03
Description  PARALLEL PORT SINGLE TERMINATION NETWORK WITH ±15kV ESD PROTECTION
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST1284-03 Datasheet(HTML) 6 Page - STMicroelectronics

  ST1284-03 Datasheet HTML 1Page - STMicroelectronics ST1284-03 Datasheet HTML 2Page - STMicroelectronics ST1284-03 Datasheet HTML 3Page - STMicroelectronics ST1284-03 Datasheet HTML 4Page - STMicroelectronics ST1284-03 Datasheet HTML 5Page - STMicroelectronics ST1284-03 Datasheet HTML 6Page - STMicroelectronics ST1284-03 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
6/7
ST1284-xxA8/T8
PACKAGE MECHANICAL DATA
QSOP28 (Plastic)
REF.
DIMENSIONS
Millimeters
Inches
Min.
Max.
Min.
Max.
A
1.55
1.75
0.061
0.069
a1
0.10
0.25
0.004
0.010
b
0.20
0.30
0.008
0.012
b1
0.18
0.25
0.007
0.010
D
9.80
9.98
0.386
0.393
F
5.79
6.20
0.228
0.244
e
0.64 typ.
0.025 typ.
E
3.80
3.98
0.15
0.157
L
0.40
0.90
0.016
0.035
S
8° max
8° max
28
15
14
1
b
a1
e
S
L
E
F
D
b1
A
PACKAGE MECHANICAL DATA
TSSOP28 (Plastic)
28
15
14
1
b
A1
e
K
L
E1
E
D
c
A
A2
L1
aaa
REF.
DIMENSIONS
Millimeters
Inches
Min.
Typ.
Max.
Min.
Typ.
Max.
A
1.200
0.047
A1
0.050
0.150 0.002
0.006
A2
0.800
1.000
1.050 0.031 0.039 0.041
b
0.190
0.300 0.007
0.012
c
0.090
0.200 0.003
0.008
D
9.600
9.700
9.800 0.378 0.382 0.386
E
6.200
6.400
6.600 0.244 0.252 0.260
E1
4.300
4.400
4.500 0.169 0.173 0.177
e
0.650
0.026
L
0.450
0.600
0.750 0.018 0.024 0.029
L1
1.000
0.039
K0d
8d
0d
8d
aaa
0.100
0.004



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com