Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1013782 Datasheet(PDF) 6 Page - PHOENIX CONTACT

Part # 1013782
Description  Sensor/Actuator cable - SAC-12P-MS/ 5,0-PUR SCO - 1430556
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1013782 Datasheet(HTML) 6 Page - PHOENIX CONTACT

  1013782 Datasheet HTML 1Page - PHOENIX CONTACT 1013782 Datasheet HTML 2Page - PHOENIX CONTACT 1013782 Datasheet HTML 3Page - PHOENIX CONTACT 1013782 Datasheet HTML 4Page - PHOENIX CONTACT 1013782 Datasheet HTML 5Page - PHOENIX CONTACT 1013782 Datasheet HTML 6Page - PHOENIX CONTACT 1013782 Datasheet HTML 7Page - PHOENIX CONTACT 1013782 Datasheet HTML 8Page - PHOENIX CONTACT 1013782 Datasheet HTML 9Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
https://www.phoenixcontact.com/gb/products/1430556
12/22/2016   Page 6 / 9
Sensor/Actuator cable - SAC-12P-MS/ 5,0-PUR SCO - 1430556
Accessories
Protective hose - WP-PA HF 13,0 BK - 3240681
Polyamide protective hose, inflammability class V0, UV resistant
 
 
Protective hose - WP-PA HF-HB 13,0 BK - 3240839
Polyamide protective hose, inflammability class HB, UV resistant
 
 
Cutting tools
Diagonal cutter - CUTFOX-S VDE - 1212207
Diagonal cutter for copper and aluminum conductors, VDE 1000 V AC/ 1500 V DC-tested
 
 
Marker carrier cable
Conductor marker carrier - PATG 2/15 - 1013038
Conductor marker carrier, transparent, unlabeled, Mounting type: slide on, Cable diameter: 2-4 mm, Lettering field: 4
x 15 mm
 
 
Conductor marker carrier - PATG 3/15 - 1013041
Conductor marker carrier, transparent, unlabeled, Mounting type: slide on, Cable diameter: 4-7 mm, Lettering field: 4
x 15 mm
 
 



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com