Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1013782 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1013782
Description  Sensor/Actuator cable - SAC-12P-MS/ 5,0-PUR SCO - 1430556
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1013782 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1013782 Datasheet HTML 1Page - PHOENIX CONTACT 1013782 Datasheet HTML 2Page - PHOENIX CONTACT 1013782 Datasheet HTML 3Page - PHOENIX CONTACT 1013782 Datasheet HTML 4Page - PHOENIX CONTACT 1013782 Datasheet HTML 5Page - PHOENIX CONTACT 1013782 Datasheet HTML 6Page - PHOENIX CONTACT 1013782 Datasheet HTML 7Page - PHOENIX CONTACT 1013782 Datasheet HTML 8Page - PHOENIX CONTACT 1013782 Datasheet HTML 9Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
https://www.phoenixcontact.com/gb/products/1430556
12/22/2016   Page 1 / 9
Sensor/Actuator cable - SAC-12P-MS/ 5,0-PUR SCO - 1430556
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
Sensor/Actuator cable, 12-position, PUR halogen-free, black RAL 9005, Plug straight M12 SPEEDCON, A-
coded, on free cable end, Cable length: 5 m
Why buy this product
 Easy and safe: 100% electrically tested plug-in components
 Save time, thanks to installation with SPEEDCON fast locking system
 Our standard: robust halogen-free PUR cable
 Save space – with high-pos. connectors
Key Commercial Data
Packing unit
1 STK
GTIN
GTIN
4046356456371
Weight per Piece (excluding packing)
311.700 g
Custom tariff number
85444290
Country of origin
Germany
Technical data
Dimensions
Length of cable
5 m
Stripping length of the free conductor end
35 mm
Ambient conditions
Ambient temperature (operation)
-25 °C ... 85 °C (Plug / socket)
Degree of protection
IP65
IP67
IP68
General


Similar Part No. - 1013782

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1013782 PHOENIX-1013782 Datasheet
242Kb / 7P
PABA YE/23 - Insert label
1013782 PHOENIX-1013782 Datasheet
138Kb / 8P
Sensor/Actuator cable - SAC-8P-M 8MR/ 1,5-PUR - 1404182
01/11/2017
1013782 PHOENIX-1013782 Datasheet
151Kb / 10P
Sensor/Actuator cable - SAC-5P-M12MR/5,0-PUR - 1669819
12/22/2016
1013782 PHOENIX-1013782 Datasheet
134Kb / 9P
Sensor/Actuator cable - SAC-3P- 5,0-PUR/M 8FR-2L - 1671085
01/20/2017
1013782 PHOENIX-1013782 Datasheet
150Kb / 10P
Sensor/Actuator cable - SAC-5P-M12MS/10,0-PUR - 1683361
12/22/2016
More results

Similar Description - 1013782

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1401691 PHOENIX-1401691 Datasheet
129Kb / 9P
Sensor/Actuator cable - SAC-8P- 5,0-PUR/FS SCO
1407789 PHOENIX-1407789 Datasheet
137Kb / 10P
Sensor/Actuator cable - SAC-5P- 5,0-PUR/FS SH SCO
1407794 PHOENIX-1407794 Datasheet
141Kb / 9P
Sensor/Actuator cable - SAC-8P- 5,0-PUR/FS SH SCO
1417908 PHOENIX-1417908 Datasheet
113Kb / 6P
Sensor/Actuator cable - SAC-5P-MS/ 5,0-542/FSSH SCO BK
1417923 PHOENIX-1417923 Datasheet
125Kb / 7P
Sensor/Actuator cable - SAC-8P-MS/ 5,0-542/FSSH SCO BK
1418855 PHOENIX-1418855 Datasheet
72Kb / 2P
Sensor/Actuator cable - SAC-12P-100,0-PUR/0,14
1407312 PHOENIX-1407312 Datasheet
270Kb / 23P
Sensor/actuator cable - SAC-4P-MS/ 5,0-28R SCO RAIL
09/11/2020
1430682 PHOENIX-1430682 Datasheet
163Kb / 12P
Sensor/actuator cable - SAC-12P-10,0-PUR/FR SCO
09/11/2020
1446728 PHOENIX-1446728 Datasheet
76Kb / 3P
Sensor/actuator cable - SAC-12P-MS/ 1,0-35T/MS SH SCO
12/05/2018
1555729 PHOENIX-1555729 Datasheet
134Kb / 9P
Sensor/actuator cable - SAC-4P-MS/ 5,0-186/FS SCO
09/11/2020
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com