Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1013782 Datasheet(PDF) 8 Page - PHOENIX CONTACT

Part # 1013782
Description  Sensor/Actuator cable - SAC-12P-MS/ 5,0-PUR SCO - 1430556
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1013782 Datasheet(HTML) 8 Page - PHOENIX CONTACT

  1013782 Datasheet HTML 1Page - PHOENIX CONTACT 1013782 Datasheet HTML 2Page - PHOENIX CONTACT 1013782 Datasheet HTML 3Page - PHOENIX CONTACT 1013782 Datasheet HTML 4Page - PHOENIX CONTACT 1013782 Datasheet HTML 5Page - PHOENIX CONTACT 1013782 Datasheet HTML 6Page - PHOENIX CONTACT 1013782 Datasheet HTML 7Page - PHOENIX CONTACT 1013782 Datasheet HTML 8Page - PHOENIX CONTACT 1013782 Datasheet HTML 9Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
https://www.phoenixcontact.com/gb/products/1430556
12/22/2016   Page 8 / 9
Sensor/Actuator cable - SAC-12P-MS/ 5,0-PUR SCO - 1430556
Accessories
Tool - SAC BIT M12-D15 - 1208432
Nut for assembling sensor/actuator cables with M12 connector and M12 connectors for assembly, with a knurl
diameter of 15 mm, for 4 mm hexagonal drive
 
 
Stripping tool
Stripping tool - WIREFOX SAC-1 - 1212757
Stripping pliers, for halogen-free sensor/actuator cables (SAC cables), with PUR and PVC insulation, from Ø of 3.2 to
4.4 mm, any stripping length
 
 
Stripping tool - WIREFOX SAC - 1212623
Stripping pliers, for halogen-free sensor/actuator cables (SAC cables), with PUR and PVC insulation, from Ø of 4.4 to
7 mm, any stripping length
 
 
Stripping tool - WIREFOX 10 - 1212150
Stripping tool, for cables and conductors from 0.02 - 10 mm², self-adjusting, stripping length of up to 18 mm, cutting
capacity of up to 10 mm² stranded/1.5 mm² solid, replaceable stripping blade
 
 
Torque tool
Torque screwdriver - TSD 04 SAC - 1208429
Torque screwdriver, with preset torque of 0.4 Nm and 4 mm hexagonal drive for M12 connectors
 
 



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com