Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1013782 Datasheet(PDF) 7 Page - PHOENIX CONTACT

Part # 1013782
Description  Sensor/Actuator cable - SAC-12P-MS/ 5,0-PUR SCO - 1430556
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1013782 Datasheet(HTML) 7 Page - PHOENIX CONTACT

  1013782 Datasheet HTML 1Page - PHOENIX CONTACT 1013782 Datasheet HTML 2Page - PHOENIX CONTACT 1013782 Datasheet HTML 3Page - PHOENIX CONTACT 1013782 Datasheet HTML 4Page - PHOENIX CONTACT 1013782 Datasheet HTML 5Page - PHOENIX CONTACT 1013782 Datasheet HTML 6Page - PHOENIX CONTACT 1013782 Datasheet HTML 7Page - PHOENIX CONTACT 1013782 Datasheet HTML 8Page - PHOENIX CONTACT 1013782 Datasheet HTML 9Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
https://www.phoenixcontact.com/gb/products/1430556
12/22/2016   Page 7 / 9
Sensor/Actuator cable - SAC-12P-MS/ 5,0-PUR SCO - 1430556
Accessories
Conductor marker carrier - PATG 4/15 - 1013054
Conductor marker carrier, transparent, unlabeled, Mounting type: slide on, Cable diameter: 6-10 mm, Lettering field: 4
x 15 mm
 
 
Marker pen
Marker pen - B-STIFT - 1051993
Marker pen, for manual labeling of unprinted Zack strips, smear-proof and waterproof, line thickness 0.5 mm
 
 
Protective cap
Sealing cap - PROT-M12 FS-PA-CHAIN - 1430873
M12 sealing cap made of plastic with fixing band, for sensor cables, for free M12 sockets
 
 
Safety locking
Locking clip - SAC-M12-EXCLIP-M - 1558988
Locking clip for the pin side of sensor/actuator cables with M12 connector and M12 connectors for assembly, for knurl
diameter: 15 mm or for Allen key with a wrench size of 14 mm, prevents the disconnection of plug-in connections
without tools
 
 
Screwdriver tools
Adapter insert - TSD-M SAC-BIT ADAPTER - 1212600
Adapter bit for TSD-M...torque tools, E6.3-1/4" drive with 4 mm hexagon to accommodate SAC bits
 
 



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com