Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1LS1 Datasheet(PDF) 3 Page - Honeywell Solid State Electronics Center

Part # 1LS1
Description  General Purpose Limit Switches
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

1LS1 Datasheet(HTML) 3 Page - Honeywell Solid State Electronics Center

  1LS1 Datasheet HTML 1Page - Honeywell Solid State Electronics Center 1LS1 Datasheet HTML 2Page - Honeywell Solid State Electronics Center 1LS1 Datasheet HTML 3Page - Honeywell Solid State Electronics Center 1LS1 Datasheet HTML 4Page - Honeywell Solid State Electronics Center 1LS1 Datasheet HTML 5Page - Honeywell Solid State Electronics Center 1LS1 Datasheet HTML 6Page - Honeywell Solid State Electronics Center 1LS1 Datasheet HTML 7Page - Honeywell Solid State Electronics Center 1LS1 Datasheet HTML 8Page - Honeywell Solid State Electronics Center 1LS1 Datasheet HTML 9Page - Honeywell Solid State Electronics Center Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 31 page
background image
3
sensing.honeywell.com
Features
and Benefits
Features
and Benefits
ENHANCED PERFORMANCE COMPACT DESIGN
Along with industry standard mounting dimensions, the LS Series compact design
allows installation in applications under space constraint while still providing reliable
switching performance
TWO CIRCUIT DOUBLE BREAK CONTACTS
With an AC15, A300 or 10 A electrical rating, the LS Series provides dependable
and consistent switching, giving the end users control of two circuits in one switch
ACTUATORS FOR YOUR APPLICATION
With many actuators available such as side rotary, plunger, wobble stick and roller
plunger, the LS Series is adaptable and has the ability to be applied in a variety of
applications
SEALED CONSTRUCTION
In demanding environmental conditions, IP67 or NEMA 1, 3, 4, 6, and 13 sealing
protects against oil, dust and water making the LS Series a dependable solution in
a variety of conditions for both indoor and outdoor applications
One switch controls two circuits!
MACHINE TOOL EQUIPMENT
Part presence, machine slide/table position, panel and door presence
MATERIAL HANDLING
Sensing in overhead doors, door interlock, dock locks, conveyance, storage
retrieval, carousels, conveyors, and assembly lines
VALVE ACTUATION
Position sensing of electric valves for waste water treatment plants, power plants,
refineries, and pipelines
FOOD AND BEVERAGE
Sensing during bottling, canning, and packaging
SPECIAL MACHINERY
Assembly, packaging and testing applications
Potential Applications



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com