Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1LS1 Datasheet(PDF) 17 Page - Honeywell Solid State Electronics Center

Part # 1LS1
Description  General Purpose Limit Switches
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

1LS1 Datasheet(HTML) 17 Page - Honeywell Solid State Electronics Center

Back Button 1LS1 Datasheet HTML 13Page - Honeywell Solid State Electronics Center 1LS1 Datasheet HTML 14Page - Honeywell Solid State Electronics Center 1LS1 Datasheet HTML 15Page - Honeywell Solid State Electronics Center 1LS1 Datasheet HTML 16Page - Honeywell Solid State Electronics Center 1LS1 Datasheet HTML 17Page - Honeywell Solid State Electronics Center 1LS1 Datasheet HTML 18Page - Honeywell Solid State Electronics Center 1LS1 Datasheet HTML 19Page - Honeywell Solid State Electronics Center 1LS1 Datasheet HTML 20Page - Honeywell Solid State Electronics Center 1LS1 Datasheet HTML 21Page - Honeywell Solid State Electronics Center Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 31 page
background image
17
sensing.honeywell.com
MICRO SWITCH™ General Purpose Limit Switches
O.T. • Operating torque
O.F. • Operating force
R.P. • Release point
P.T. • Pretravel
O.T. • Overtravel
D.T. • Differential travel
Table 16. Side Rotary, Adjustable Rod Lever
Compact
20 mm
conduit
Compact
PG 13,5
conduit
Plug-in less
base*
Description
Electrical
Rating
(Table 2)
Operating Torque or
Force
Bar Chart1
Operate Point
Pretravel
(max.)
Overtravel
(min.)
Differen-
tial Travel
(max.)
Notes
1LS10-4C
1LS10-4PG
201LS10-4
Side rotary with 140 mm [5.5 in] max. adjustable aluminum rod
J
0,51 N m [4.5 in-lb]
TT
1-2
3-4
0°
20°
50°
3-4
1-2
OP
FP
DT = 12°
8°
–
20°
30°
12°
1LS47-4PG
–
–
Side rotary with 140 mm [5.5 in] max. adjustable alumnum rod
J
0,51 N m [4.5 in-lb]
TT
1-2
3-4
0° 5°
35°
3-4
1-2
OP
FP
DT = 4°
1°
–
5°
30°
4°
Low pretravel
1
Contact closed n; Contact open o. * Requires an 18PA1-4C Terminal Block (20 mm conduit threads) or 18PA1-4PG Terminal Block (PG13,5 conduit threads) ordered separately.
Terminal block is base receptacle.
Table 17. Top Pin Plunger
Compact
20 mm
conduit
Compact
PG 13,5
conduit
Plug-in less
base*
Description
Electrical
Rating
(Table 2)
Operating
Torque or
Force
Bar Chart1
Free
Position
(nom.)
Operate Point
Pretravel
(max.)
Overtravel
(min.)
Differen-
tial Travel
(max.)
Notes
2LS1-4C
2LS1-4PG
202LS1-4
Top pin plunger (SST)
J
31,4 N
[7.06 lb]
TT
1-2
3-4
35,5 33,8
27,43
3-4
1-2
OP
FP
DT = 0,50
34,29
35,5 mm
[1.40 in]
33,8 mm ±0,7 mm
[1.33 in ±0.03 in]
1,70 mm
[0.067 in]
6,40 mm
[0.252 in]
0,50 mm
[0.02 in]
–
2LS1-4GPG
–
Top pin plunger (SST)
F
31,4 N
[7.06 lb]
35,5 mm
[1.40 in]
33,8 mm ±0,7 mm
[1.33 in ±0.03 in]
1,70 mm
[0.067 in]
6,40 mm
[0.252 in]
0,50 mm
[0.02 in]
Gold-plated contacts,
low-energy loads
2LS1-4CN151
–
–
Top pin plunger (SST)
J
31,4 N
[7.06 lb]
35,5 mm
[1.40 in]
33,8 mm ±0,7 mm
[1.33 in ±0.03 in]
1,70 mm
[0.067 in]
6,40 mm
[0.252 in]
0,50 mm
[0.02 in
High temperature,
150 °C [302 °F]
1
Contact closed n; Contact open o. NOTE: Bar chart measurements are in millimeters.
* Requires an 18PA1-4C Terminal Block (20 mm conduit threads) or 18PA1-4PG Terminal Block (PG13,5 conduit threads) ordered separately. Terminal block is base receptacle.
Table 18. Top Roller Plunger
Compact
20 mm
conduit
Compact
PG 13,5
conduit
Plug-in less
base*
Description
Electrical
Rating
(Table 2)
Operating
Torque or
Force
Bar Chart1
Free
Position
(nom.)
Operate Point
Pretravel
(max.)
Overtravel
(min.)
Differen-
tial Travel
(max.)
Notes
5LS1-4C
5LS1-4PG
205LS1-4
Top roller plunger (SST)
J
31,4 N
[7.06 lb]
TT
1-2
3-4
45,7 44,0
38,35
3-4
1-2
OP
FP
DT = 0,51
44,46
45,7 mm
[1.80 in]
44,0 mm ±0,7 mm
[1.73 in ±0.03 in]
1,70 mm
[0.067 in]
5,56 mm
[0.219 in]
0,50 mm
[0.02 in]
–
5LS1-G-
4PG
–
Top roller plunger (SST)
F
31,4 N
[7.06 lb]
45,7 mm
[1.80 in]
44,0 mm ±0,7 mm
[1.73 in ±0.03 in]
1,70 mm
[0.067 in]
5,56 mm
[0.219 in]
0,50 mm
[0.02 in]
Gold-plated contacts,
low-energy loads
5LS1-4CN152
–
–
Top roller plunger (SST)
J
31,4 N
[7.06 lb]
45,7 mm
[1.80 in]
44,0 mm ±0,7 mm
[1.73 in ±0.03 in]
1,70 mm
[0.067 in]
5,56 mm
[0.219 in]
0,50 mm
[0.02 in]
High temperature,
150 °C [302 °F]
1
Contact closed n; Contact open o. NOTE: Bar chart measurements are in millimeters.
* Requires an 18PA1-4C Terminal Block (20 mm conduit threads) or 18PA1-4PG Terminal Block (PG13,5 conduit threads) ordered separately. Terminal block is base receptacle.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com