Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1LS1 Datasheet(PDF) 5 Page - Honeywell Solid State Electronics Center

Part # 1LS1
Description  General Purpose Limit Switches
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

1LS1 Datasheet(HTML) 5 Page - Honeywell Solid State Electronics Center

  1LS1 Datasheet HTML 1Page - Honeywell Solid State Electronics Center 1LS1 Datasheet HTML 2Page - Honeywell Solid State Electronics Center 1LS1 Datasheet HTML 3Page - Honeywell Solid State Electronics Center 1LS1 Datasheet HTML 4Page - Honeywell Solid State Electronics Center 1LS1 Datasheet HTML 5Page - Honeywell Solid State Electronics Center 1LS1 Datasheet HTML 6Page - Honeywell Solid State Electronics Center 1LS1 Datasheet HTML 7Page - Honeywell Solid State Electronics Center 1LS1 Datasheet HTML 8Page - Honeywell Solid State Electronics Center 1LS1 Datasheet HTML 9Page - Honeywell Solid State Electronics Center Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 31 page
background image
5
sensing.honeywell.com
MICRO SWITCH™ General Purpose Limit Switches
Table 1. Specifications
Characteristic
North America
EMEA (Europe)
Product type
Honeywell general purpose
LS limit switch,
compact and plug-in
Honeywell general purpose
LS-4 limit switch,
compact and plug-in
Acutators
side rotary, side rotary (maintained) top pin plunger, top roller plunger, wobble coil spring,
wobble aluminum rod, wobble cat whisker, wobble sst coil spring
Circuitry
single pole double throw (SPDT) double break,
single pole double throw (SPDT) double break
Electrical
10 A (see Table 2)
AC 15, A300; DC 13, P300
Housing material
compact: epoxy coated zinc die cast
plug-in: epoxy coated aluminum die cast
epoxy coated aluminum die cast
Conduit
0.5 – 14 NPT
20 mm or PG13,5
Housing seal rating
NEMA 1,3,4, 6 and 13
IP67, NEMA 1,4 and 13
Operating temperature
standard: -29 °C to 71 °C [-20 °F to 160 °F]
high temp.: -29 °C to 120 °C [-20 °F to 248 °F]
standard: -30 °C to 70 °C [-22 °F to 158 °F]
high temp.: -30 °C to 120 °C [-22 °F to 248 °F]
Agency certifications
Compact with –L suffix UL file 12252, CSA file 57325
CE, EN60947-5-41, IEC60947-5-4
Table 2. Electrical Ratings
Electrical
Code
Electrical Ratings
A
10 A, 120, 240 or 480 Vac; 1/3 hp 120 Vac; 3/4 hp 240 Vac; 0.8 amp, 115 Vdc;
0.4 amp, 230 Vdc; 0.1 amp, 550 Vdc, Pilot Duty, 600 Vac max.
B
10 A, 120, 240 or 480 Vac; 1/4 hp 120 Vac; 1/2 hp 240 Vac; Pilot Duty, 600 Vac max.
C
10 A, 1/3 hp 120 Vac
D
10 A, 120, 240 or 480 Vac; 1/4 hp 120 Vac; 1/2 hp 240 Vac; 0.8 amp, 115 Vdc; 0.4 amp, 230 Vdc;
0.1 amp, 550 Vdc, Pilot Duty, 600 Vac max.
E
10 A, 120, 240 or 480 Vac; 1/3 hp 120 Vac; 3/4 hp 240 Vac; Pilot Duty, 600 Vac max.
F
5 A, 6 V; 1 A, 24 V; 0.4 A, 220 V
G
UL & CSA; 10 A, 125, 250 or 480 Vac; 1/3 hp 125 Vac; 3/4 hp 250 Vac; 0.8 amp, 115 Vdc; 0.4 amp, 230 Vdc
H
UL & CSA; 10 A, 125, 250 or 480 Vac; 1/4 hp 125 Vac; 1/2 hp 250 Vac; 0.8 amp, 115 Vdc; 0.4 amp, 230 Vdc
J
EN60947-5-1, IEC 60947-5-1
Designation &
Category
Thermal Current,
It(Amps)
Rated Operational
Voltage, Ue
Rated Operational
Amps, Ie
VA rating Make
VA rating Break
ac
AC15, A300
10
120
6
7200
720
AC15, A300
10
240
3
7200
720
dc
DC13, P300
5
125
1.1
138
138
DC13, P300
5
250
0.55
138
138



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com