Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1LS1 Datasheet(PDF) 11 Page - Honeywell Solid State Electronics Center

Part # 1LS1
Description  General Purpose Limit Switches
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

1LS1 Datasheet(HTML) 11 Page - Honeywell Solid State Electronics Center

Back Button 1LS1 Datasheet HTML 7Page - Honeywell Solid State Electronics Center 1LS1 Datasheet HTML 8Page - Honeywell Solid State Electronics Center 1LS1 Datasheet HTML 9Page - Honeywell Solid State Electronics Center 1LS1 Datasheet HTML 10Page - Honeywell Solid State Electronics Center 1LS1 Datasheet HTML 11Page - Honeywell Solid State Electronics Center 1LS1 Datasheet HTML 12Page - Honeywell Solid State Electronics Center 1LS1 Datasheet HTML 13Page - Honeywell Solid State Electronics Center 1LS1 Datasheet HTML 14Page - Honeywell Solid State Electronics Center 1LS1 Datasheet HTML 15Page - Honeywell Solid State Electronics Center Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 31 page
background image
11
sensing.honeywell.com
MICRO SWITCH™ General Purpose Limit Switches
O.T. • Operating torque
O.F. • Operating force
R.P. • Release point
P.T. • Pretravel
O.T. • Overtravel
D.T. • Differential travel
Table 7. Top Pin Plunger
Compact, SPDT
w 0.5-14 NPT
conduit
Plug-in less base*
Description
Electrical
Rating
(Table 2)
Operating
Torque or
Force
Bar Chart1
Free
Position
(nom.)
Operate Point
Pretravel
(max.)
Overtravel
(min.)
Differen-
tial Travel
(max.)
Notes
2LS1
202LS1
Top pin plunger (hardened SST)
A
31,1 N
[7.0 lb]
TT
1-2
3-4
35,5 33,78
27,43
3-4
1-2
OP
FP
DT = 0,50
34,29
35,5 mm
[1.40 in]
33,78 mm ±0,78 mm
[1.33 in ±0.03 in]
1,65 mm
[0.065 in]
6,35 mm
[0.25 in]
0,51 mm
[0.02 in]
–
2LS1-L
–
Top pin plunger (hardened SST)
G
31,1 N
[7.0 lb]
35,5 mm
[1.40 in]
33,78 mm ±0,78 mm
[1.33 in ±0.03 in]
1,65 mm
[0.065 in]
6,35 mm
[0.25 in]
0,51 mm
[0.02 in]
UL & CSA
2LS111
202LS111
Top pin plunger (hardened SST)
with boot seal
E
10,0 N
[2.2 lb]
TT
1-2
3-4
35,5 33,78
28,23
3-4
1-2
OP
FP
DT = 0,23
28,46
35,5 mm
[1.40 in]
33,78 mm ±0,78 mm
[1.33 in ±0.03 in]
1,65 mm
[0.065 in]
5,6 mm
[0.22 in]
0,23 mm
[0.009 in]
lower operating force
1
Contact closed n; Contact open o. NOTE: Bar chart measurements are in millimeters.
*Requires an 18PA1 Terminal Block (base receptacle) which must be ordered separately. 18PA1 terminal block has 0.5-14 NPT conduit threads.
Table 8. Top Roller Plunger
Compact, SPDT
w 0.5-14 NPT
conduit
Plug-in less base*
Description
Electrical
Rating
(Table 2)
Operating
Torque or
Force
Bar Chart1
Operate Point
Pretravel
(max.)
Overtravel
(min.)
Differen-
tial Travel
(max.)
Notes
5LS1
205LS1
Top roller plunger (hardened steel roller)
A
31,1 N
[7.0 lb]
TT
1-2
3-4
45,6 43,95
38,35
3-4
1-2
OP
FP
DT = 0,51
44,46
45,6 mm
[1.80 in]
43,95 mm ±0,78 mm
[1.73 in ±0.03 in]
1,65 mm
[0.065 in]
5,6 mm
[0.22 in]
0,51 mm
[0.02 in]
–
5LS1-L
–
Top roller plunger (hardened steel roller)
G
31,1 N
[7.0 lb]
45,6 mm
[1.80 in]
43,95 mm ±0,78 mm
[1.73 in ±0.03 in]
1,65 mm
[0.065 in]
5,6 mm
[0.22 in]
0,51 mm
[0.02 in]
UL & CSA
5LS8
–
Top roller plunger (hardened steel roller)
with boot seal
15,57 N
[3.5 lb]
45,6 mm
[1.80 in]
43,95 mm ±0,78 mm
[1.73 in ±0.03 in]
1,65 mm
[0.065 in]
5,6 mm
[0.22 in]
0,51 mm
[0.02 in]
lower operating force
1
Contact closed n; Contact open o. NOTE: Bar chart measurements are in millimeters.
*Requires an 18PA1 Terminal Block (base receptacle) which must be ordered separately. 18PA1 terminal block has 0.5-14 NPT conduit threads.
Table 9. Side Pin Plunger
Compact, SPDT
w 0.5-14 NPT
conduit
Plug-in less base*
Description
Electrical
Rating
(Table 2)
Operating
Torque or
Force
Bar Chart1
Free
Position
(nom.)
Operate Point
Pretravel
(max.)
Overtravel
(min.)
Differen-
tial Travel
(max.)
Notes
4LS1
204LS1
Side pin plunger (SST)
A
40,0 N
[9.0 lb]
TT
1-2
3-4
56,4 54,10
47,75
3-4
1-2
OP
FP
DT = 1,02
55,12
56,4 mm
[2.22 in]
54,10 mm ±0,78 mm
[2.13 in ±0.03 in]
2,77 mm
[0.11 in]
6,35 mm
[0.25 in]
1,02 mm
[0.04 in]
–
1
Contact closed n; Contact open o. NOTE: Bar chart measurements are in millimeters.
*Requires an 18PA1 Terminal Block (base receptacle) which must be ordered separately. 18PA1 terminal block has 0.5-14 NPT conduit threads.
Table 10. Side Roller Plunger
Compact, SPDT
w 0.5-14 NPT
conduit
Plug-in less base*
Description
Electrical
Rating
(Table 2)
Operating
Torque or
Force
Bar Chart1
Free
Position
(nom.)
Operate Point
Pretravel
(max.)
Overtravel
(min.)
Differen-
tial Travel
(max.)
Notes
3LS1
203LS1
Side roller plunger (hardened steel roller)
A
40,0 N
[9.0 lb]
TT
1-2
3-4
70,35 67,56
61,21
3-4
1-2
OP
FP
DT = 1,02
68,58
70,35 mm
[2.77 in]
67,56 mm ±0,78 mm
[2.66 in ±0.03 in]
2,79 mm
[0.11 in]
6,35 mm
[0.25 in]
1,02 mm
[0.04 in]
Roller plunger may be
locked in any position
through 360°



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com