Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1LS2 Datasheet(PDF) 20 Page - Honeywell Solid State Electronics Center

Part # 1LS2
Description  General Purpose Limit Switches
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

1LS2 Datasheet(HTML) 20 Page - Honeywell Solid State Electronics Center

Back Button 1LS2 Datasheet HTML 16Page - Honeywell Solid State Electronics Center 1LS2 Datasheet HTML 17Page - Honeywell Solid State Electronics Center 1LS2 Datasheet HTML 18Page - Honeywell Solid State Electronics Center 1LS2 Datasheet HTML 19Page - Honeywell Solid State Electronics Center 1LS2 Datasheet HTML 20Page - Honeywell Solid State Electronics Center 1LS2 Datasheet HTML 21Page - Honeywell Solid State Electronics Center 1LS2 Datasheet HTML 22Page - Honeywell Solid State Electronics Center 1LS2 Datasheet HTML 23Page - Honeywell Solid State Electronics Center 1LS2 Datasheet HTML 24Page - Honeywell Solid State Electronics Center Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 31 page
background image
20 sensing.honeywell.com
LS Series
Table 21. Terminal Block, Base Receptacle
Plug-in less
base*
Description
18PA1
Terminal block (base receptacle) with 0.5-14 NPT conduit thread. For use with 200LS Series
18PA1-4C
Terminal block (base receptacle) with 20 mm conduit threads. For use with 200LS-4 Series
18PA1-4PG
Terminal block (base receptacle) with PG13,5 conduit threads. For use with 200LS-4 Series
Table 22. Replacement Levers for Side Rotary Switches
Catalog Listing
(North America)
Catalot Listing
(EMEA/Europe)
Description
LSZ51D
6PA78-4
Replacement lever for most 1LS switches with fixed length 38,1 mm lever with Ø19 mm steel roller
LSZ52C
6PA44-4
Replacement lever for most 1LS switches w adj. length 38 mm to 90 mm lever with Ø19 mm nylon roller
LSZ54M
6PA43-4
Replacement aluminum rod lever for most 1LS switches w adj. rod with max. length 140 mm
6PA80
6PA80-4
Replacement fork lever for 6LS switches w steel rollers on opposite side
6PA102
6PA102-4
Replacement fork lever for 6LS switches w nylon rollers on same side
6PA82
Fork lever for 6LS switches w steel rollers on same side
LSZ52D
Adjustable length lever 38 mm to 90 mm w Ø19 mm steel roller
LSZ52J
Adjustable length lever 38 mm to 90 mm w Ø25,4 mm nylon roller
LSZ52K
Adjustable length lever 38 mm to 90 mm w Ø38,1 mm nylon roller
LSZ52M
Adjustable length lever 38 mm to 90 mm w Ø50,8 mm rubber roller
LSZ52Y
Adjustable length lever 38 mm to 90 mm w Ø50,8 mm nylon roller
6PA71
Fixed length lever, 38,1 mm length w Ø19 mm nylon roller
6PA121
Fixed length lever, 38,1 mm length w Ø19 mm steel roller
LSZ51L
Fixed length lever, 38,1 mm length w Ø19 mm ball bearing steel roller
6PA144
Fixed length lever, 38,1 mm length w Ø19 mm ball bearing steel roller
6PA63
Adjustable stainless steel rod lever, 330 mm max. length
6PA69
Adjustable stainless steel spring rod lever, 127 mm to 190 mm
6PA57
Manually operated Ø38,1mm aluminum button on a 68,1 mm metal lever



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com