Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1LS2 Datasheet(PDF) 7 Page - Honeywell Solid State Electronics Center

Part # 1LS2
Description  General Purpose Limit Switches
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

1LS2 Datasheet(HTML) 7 Page - Honeywell Solid State Electronics Center

Back Button 1LS2 Datasheet HTML 3Page - Honeywell Solid State Electronics Center 1LS2 Datasheet HTML 4Page - Honeywell Solid State Electronics Center 1LS2 Datasheet HTML 5Page - Honeywell Solid State Electronics Center 1LS2 Datasheet HTML 6Page - Honeywell Solid State Electronics Center 1LS2 Datasheet HTML 7Page - Honeywell Solid State Electronics Center 1LS2 Datasheet HTML 8Page - Honeywell Solid State Electronics Center 1LS2 Datasheet HTML 9Page - Honeywell Solid State Electronics Center 1LS2 Datasheet HTML 10Page - Honeywell Solid State Electronics Center 1LS2 Datasheet HTML 11Page - Honeywell Solid State Electronics Center Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 31 page
background image
7
sensing.honeywell.com
MICRO SWITCH™ General Purpose Limit Switches
O.T. • Operating torque
O.F. • Operating force
R.P. • Release point
P.T. • Pretravel
O.T. • Overtravel
D.T. • Differential travel
MICRO SWITCH™ LS SERIES ORDER GUIDE/RECOMMENDED LISTINGS (FOR NORTH AMERICA)
For listings not shown, contact your Honeywell representative.
Table 3. Side Rotary (Momentary), Standard Roller Lever
Compact, SPDT
w 0.5-14 NPT
conduit
Plug-in less
base*
Description
Electrical
Rating
(Table 2)
Operating Torque or
Force
Bar Chart1
Operate Point
Pretravel
(max.)
Overtravel
(min.)
Differen-
tial Travel
(max.)
Notes
1LS1
201LS1
side rotary w/ 38,1mm [1.5 in] fixed lever, steel roller
A
0,51 Nm [4.5 in-lb]
TT
1-2
3-4
0°
20°
50°
3-4
1-2
OP
FP
DT = 12°
8°
–
20°
30°
12°
–
1LS1-L
–
side rotary w/ 38,1mm [1.5 in] fixed lever, steel roller
G
0,51 Nm [4.5 in-lb]
–
20°
30°
12°
UL & CSA
1LS2
–
side rotary, no lever
A
0,51 Nm [4.5 in-lb]
–
20°
30°
12°
–
1LS2-L
–
side rotary, no lever
G
0,51 Nm [4.5 in-lb]
–
20°
30°
12°
UL & CSA
1LS243
201LS242
side rotary w/ 38,1mm [1.5 in] fixed lever, steel roller
A
0,51 Nm [4.5 in-lb]
–
20°
30°
12°
high-temp. 120 °C [248 °F]
1LS6
201LS6
side rotary w/ 38,1 mm [1.5 in] fixed lever, steel roller
A
0,19 Nm [1.7 in-lb]
–
20°
30°
12°
low torque
1LS6-L
–
side rotary w/ 38,1 mm [1.5 in] fixed lever, steel roller
G
0,19 Nm [1.7 in-lb]
–
20°
30°
12°
low torque, UL & CSA
1LS23
201LS23
side rotary, no lever
A
0,19 Nm [1.7 in-lb]
20°
30°
12°
low torque
1LS501
201LS501
side rotary w/ 38,1mm [1.5 in] fixed lever, steel roller
C
0,51 Nm [4.5 in-lb]
–
20°
30°
12°
indicator for 120 Vac only
1LS19
201LS19
side rotary w/ 38,1mm [1.5 in] fixed lever, steel roller
B
0,51 Nm [4.5 in-lb]
TT
1-2
3-4
0° 5°
35°
3-4
1-2
OP
FP
DT = 4°
1°
–
5°
30°
4°
low pretravel
1LS9
201SL9
side rotary, no lever
B
0,51 Nm [4.5 in-lb]
5°
30°
4°
low pretravel
1LS131
–
side rotary w/ 38,1 mm [1.5 in] fixed lever, steel roller
B
0,19 Nm [1.7 in-lb]
–
5°
30°
4°
low pretravel and low torque
1LS56
201LS56
side rotary, no lever
B
0,19 Nm [1.7 in-lb]
5°
30°
4°
low pretravel and low torque
1
Contact closed n; Contact open o. *Requires an 18PA1 Terminal Block (base receptacle) which must be ordered separately. 18PA1 terminal block has 0.5-14 NPT conduit threads.
Table 4. Side Rotary (Maintained), Standard Fork Roller Lever
Compact, SPDT
w 0.5-14 NPT
conduit
Plug-in less base*
Description
Electrical
Rating
(Table 2)
Operating Torque or
Force
Bar Chart1
Operate
Point
Pretravel
(max.)
Total travel
(nom.)
Differen-
tial Travel
(max.)
Notes
6LS1
206LS1
side rotary maintained w/ 38,1mm [1.5 in] fork lever, steel rollers,
opposite side
A
0,34 Nm [3 in-lb]
TT
1-2
3-4
0°
55°
90°
3-4
1-2
OP
FP
DT = 20°
35°
–
55°
90°
20°
6LS2
206LS2
side rotary maintained, no lever
A
0,34 Nm [3 in-lb]
–
55°
90°
20°
6LS2-L
–
side rotary maintained, no lever
G
0,34 Nm [3 in-lb]
–
55°
90°
20°
UL & CSA
6LS3
–
side rotary maintained w/ 38,1mm [1.5 in] fork lever, nylon rollers,
same side
A
0,34 Nm [3 in-lb]
–
55°
90°
20°
1
Contact closed n; Contact open o. *Requires an 18PA1 Terminal Block (base receptacle) which must be ordered separately. 18PA1 terminal block has 0.5-14 NPT conduit threads.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com