Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1LS2 Datasheet(PDF) 14 Page - Honeywell Solid State Electronics Center

Part # 1LS2
Description  General Purpose Limit Switches
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

1LS2 Datasheet(HTML) 14 Page - Honeywell Solid State Electronics Center

Back Button 1LS2 Datasheet HTML 10Page - Honeywell Solid State Electronics Center 1LS2 Datasheet HTML 11Page - Honeywell Solid State Electronics Center 1LS2 Datasheet HTML 12Page - Honeywell Solid State Electronics Center 1LS2 Datasheet HTML 13Page - Honeywell Solid State Electronics Center 1LS2 Datasheet HTML 14Page - Honeywell Solid State Electronics Center 1LS2 Datasheet HTML 15Page - Honeywell Solid State Electronics Center 1LS2 Datasheet HTML 16Page - Honeywell Solid State Electronics Center 1LS2 Datasheet HTML 17Page - Honeywell Solid State Electronics Center 1LS2 Datasheet HTML 18Page - Honeywell Solid State Electronics Center Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 31 page
background image
14 sensing.honeywell.com
LS Series
MICRO SWITCH™ LS SERIES ORDER GUIDE/RECOMMENDED LISTINGS (FOR EMEA/EUROPE)
For listings not shown, contact your Honeywell representative.
Table 13. Side Rotary (Momentary), Standard Roller Lever
Compact
20 mm
conduit
Compact
PG 13,5
conduit
Plug-in less
base*
Description
Electrical
Rating
(Table 2)
Operating Torque or
Force
Bar Chart1
Operate Point
Pretravel
(max.)
Overtravel
(min.)
Differen-
tial Travel
(max.)
Notes
1LS1-4C
1LS1-4PG
201LS1-4
Side rotary, with 38,1 mm [1.5 in] fixed lever, steel roller
J
0,51 Nm [4.5 in-lb]
TT
1-2
3-4
0°
20°
50°
3-4
1-2
OP
FP
DT = 12°
8°
–
20°
30°
12°
–
1LS2-4C
1LS2-4PG
201LS2-4
Side rotary, no lever
J
0,51 Nm [4.5 in-lb]
–
20°
30°
12°
–
1LS243-4C
1LS243-4PG
–
Side rotary, with 38,1 mm [1.5 in] fixed lever, steel roller
J
0,51 Nm [4.5 in-lb]
–
20°
30°
12°
High temp. 120 °C [248 °F]
1LS244-4C
1LS244-4PG
–
Side rotary, with 38,1 mm [1.5 in] fixed lever, steel roller
J
0,51 Nm [4.5 in-lb]
–
20°
30°
12°
High temp. 120 °C [248 °F],
fluorcarbon o-rings
1LS19-4C
1LS19-4PG
201LS1-4
Side rotary, with 38,1 mm [1.5 in] fixed lever, steel roller
J
0,51 Nm [4.5 in-lb]
TT
1-2
3-4
0° 5°
35°
3-4
1-2
OP
FP
DT = 4°
1°
–
5°
30°
4°
Low pretravel
1LS56-4C
1LS56-4PG
201LS56-4
Side rotary, lever
J
0,19 Nm [1.7 in-lb]
–
5°
30°
4°
Low pretravel & low torque
1
Contact closed n; Contact open o. * Requires an 18PA1-4C Terminal Block (20 mm conduit threads) or 18PA1-4PG Terminal Block (PG13,5 conduit threads) ordered separately.
Terminal block is base receptacle.
Table 14. Side Rotary (Maintained), Fork Roller Lever
Compact
20 mm
conduit
Compact
PG 13,5
conduit
Plug-in less
base*
Description
Electrical
Rating
(Table 2)
Operating Torque or
Force
Bar Chart1
Operate Point
Pretravel
(max.)
Total Travel
(nom.)
Differen-
tial Travel
(max.)
Notes
6LS1-4C
6LS1-4PG
206LS1-4
Side rotary maintained with 38,1 mm fork lever with
steel rollers, opp. side
J
0,33 Nm [3.01 in-lb]
TT
1-2
3-4
0°
20°
50°
3-4
1-2
OP
FP
DT = 12°
8°
–
55°
90°
20°
–
6LS3-4C
6LS3-4PG
–
Side rotary maintained with 38,1 mm fork lever with
nylon rollers, same side
J
0,33 Nm [3.01 in-lb]
–
55°
90°
20°
–
6LS2-4C
6LS2-4PG
–
Side rotary maintained, no lever
J
0,33 Nm [3.01 in-lb]
–
55°
90°
20°
–
1
Contact closed n; Contact open o. * Requires an 18PA1-4C Terminal Block (20 mm conduit threads) or 18PA1-4PG Terminal Block (PG13,5 conduit threads) ordered separately.
Terminal block is base receptacle.
Table 15. Side Rotary, Adjustable Roller Lever
Compact
20 mm
conduit
Compact
PG 13,5
conduit
Plug-in less
base*
Description
Electrical
Rating
(Table 2)
Operating Torque or
Force
Bar Chart1
Operate Point
Pretravel
(max.)
Overtravel
(min.)
Differen-
tial Travel
(max.)
Notes
1LS3-4C
1LS3-4PG
201LS3-4
Side rotary, with 25 mm to 89 mm [1.0 in to 3.5 in] adjustable
lever, nylon roller
J
0,51 Nm [4.5 in-lb]
TT
1-2
3-4
0°
20°
50°
3-4
1-2
OP
FP
DT = 12°
8°
–
20°
30°
12°
–
1
Contact closed n; Contact open o. * Requires an 18PA1-4C Terminal Block (20 mm conduit threads) or 18PA1-4PG Terminal Block (PG13,5 conduit threads) ordered separately.
Terminal block is base receptacle.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com