Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1LS2 Datasheet(PDF) 12 Page - Honeywell Solid State Electronics Center

Part # 1LS2
Description  General Purpose Limit Switches
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

1LS2 Datasheet(HTML) 12 Page - Honeywell Solid State Electronics Center

Back Button 1LS2 Datasheet HTML 8Page - Honeywell Solid State Electronics Center 1LS2 Datasheet HTML 9Page - Honeywell Solid State Electronics Center 1LS2 Datasheet HTML 10Page - Honeywell Solid State Electronics Center 1LS2 Datasheet HTML 11Page - Honeywell Solid State Electronics Center 1LS2 Datasheet HTML 12Page - Honeywell Solid State Electronics Center 1LS2 Datasheet HTML 13Page - Honeywell Solid State Electronics Center 1LS2 Datasheet HTML 14Page - Honeywell Solid State Electronics Center 1LS2 Datasheet HTML 15Page - Honeywell Solid State Electronics Center 1LS2 Datasheet HTML 16Page - Honeywell Solid State Electronics Center Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 31 page
background image
12 sensing.honeywell.com
LS Series
MICRO SWITCH™ LS SERIES ORDER GUIDE/RECOMMENDED LISTINGS (FOR NORTH AMERICA)
For listings not shown, contact your Honeywell representative.
1
Contact closed n; Contact open o. NOTE: Bar chart measurements are in millimeters.
*Requires an 18PA1 Terminal Block (base receptacle) which must be ordered separately. 18PA1 terminal block has 0.5-14 NPT conduit threads.
Table 11. Side Rotary with Face Plate
Compact, SPDT
w 0.5-14 NPT
conduit
Plug-in less base
Description
Electrical
Rating
(Table 2)
Operating
Torque or
Force
Bar Chart1
Operate Point
Pretravel
(max.)
Overtravel
(min.)
Differen-
tial Travel
(max.)
Notes
7LS1
–
Face plate with 1LS1 for enclosure installation with 38,1 mm [1.5 in] fixed
lever, steel roller
A
0,51 Nm [4.5
in-lb]
TT
1-2
3-4
0°
20°
50°
3-4
1-2
OP
FP
DT = 12°
8°
–
20°
30°
12°
–
1
Contact closed n; Contact open o.
Table 12. Wobble, Coil Spring
Compact, SPDT
w 0.5-14 NPT
conduit
Plug-in less base*
Description
Electrical
Rating
(Table 2)
Operating
Torque or
Force
Bar Chart1
Operate Point2 (max.)
Pretravel
(max.)
Overtravel
(nom.)
Differen-
tial Travel
(max.)
Notes
8LS1
208LS1
Wobble actuated, random motion 141 mm [5.55 in] tin plated, coil spring
steel
D
1,39 N
[5.0 oz]
TT
1-2
3-4
0
28,6
59,3
3-4
1-2
OP
FP
(nom.)
RP
28,6 mm
[1.125 in]
28,6 mm
[1.125 in]
30,7 mm
[1.21 in]
–
–
8LS1-L
–
Wobble actuated, random motion 141 mm [5.55 in] tin plated, coil spring
steel
H
1,39 N
[5.0 oz]
28,6 mm
[1.125 in]
28,6 mm
[1.125 in]
30,7 mm
[1.21 in]
–
UL & CSA
8LS3
208LS3
Wobble actuated, random motion 141 mm [5.55 in] aluminum rod
D
1,39 N
[5.0 oz]
28,6 mm
[1.125 in]
28,6 mm
[1.125 in]
30,7 mm
[1.21 in]
–
–
8LS125
208LS125
Wobble actuated, random motion 191 mm [7.53 in] stainless steel cat whis-
ker
D
0,28 N
[1.0 oz]
TT
1-2
3-4
0
63,5
127
3-4
1-2
OP
FP
(nom.)
RP
63,5 mm
[2.5 in]
63,5 mm
[2.5 in]
63,5 mm
[2.5 in]
–
–
8LS152
208LS152
Wobble actuated, random motion 141 mm [5.55 in] stainless steel coil spring
D
1,39 N
[5.0 oz]
TT
1-2
3-4
0
28,6
59,3
3-4
1-2
OP
FP
(nom.)
RP
28,6 mm
[1.125 in]
28,6 mm
[1.125 in]
30,7 mm
[1.21 in]
–
–
1
Contact closed n; Contact open o. NOTE: Bar chart measurements are in millimeters.
*Requires an 18PA1 Terminal Block (base receptacle) which must be ordered separately. 18PA1 terminal block has 0.5-14 NPT conduit threads.
2
Operating position in any direction except pull.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com