Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

26PCAFB2G Datasheet(PDF) 2 Page - Honeywell Solid State Electronics Center

Part # 26PCAFB2G
Description  Miniature Low Pressure Sensors
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

26PCAFB2G Datasheet(HTML) 2 Page - Honeywell Solid State Electronics Center

  26PCAFB2G Datasheet HTML 1Page - Honeywell Solid State Electronics Center 26PCAFB2G Datasheet HTML 2Page - Honeywell Solid State Electronics Center 26PCAFB2G Datasheet HTML 3Page - Honeywell Solid State Electronics Center 26PCAFB2G Datasheet HTML 4Page - Honeywell Solid State Electronics Center 26PCAFB2G Datasheet HTML 5Page - Honeywell Solid State Electronics Center 26PCAFB2G Datasheet HTML 6Page - Honeywell Solid State Electronics Center 26PCAFB2G Datasheet HTML 7Page - Honeywell Solid State Electronics Center 26PCAFB2G Datasheet HTML 8Page - Honeywell Solid State Electronics Center 26PCAFB2G Datasheet HTML 9Page - Honeywell Solid State Electronics Center Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
2
sensing.honeywell.com
Miniature Low Pressure Sensors
The 26PC Series Miniature Pressure Sensors are small, cost-effective devices intended for use with wet or dry media.
These sensors feature proven sensing technology that uses a specialized piezoresistive micromachined sensing element
to offer high performance, reliability, and accuracy. Each sensor contains four active piezoresistors that form a Wheatstone
bridge. When pressure is applied, the resistance changes and the sensor provides a milliVolt output signal that is
proportional to the input pressure.
The low power 26PC sensors are designed to accommodate pressures from 1 psi to 250 psi and have an operating
temperature range of -40 ºC to 85 ºC [-40 ºF to 185 ºF].
These sensors can accommodate a variety of wet and dry media that are compatible with polyphthalamide (PPA) plastics
and media seals specified in the Nomenclature and Order Guide (see Figure 2). The 26PC sensors are RoHS compliant.
They are designed and manufactured according to ISO 9001 standards.
What makes our sensors better?
• Wet/Wet capability (i.e., liquids on both ports)
• Selectable seals available to match media used
• Higher pressure ranges for use in high pressure applications
• Wide variety of pressure port types
• Available in both SIP and DIP packages
26PCXXH6D
26PCXXJ6G
26PCXXK2G
For all available configurations, see Table 4.
MINIATURE • WET/WET CApAbIlITy • SElECTAblE SEAlS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com