Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

26PCAFB2G Datasheet(PDF) 7 Page - Honeywell Solid State Electronics Center

Part # 26PCAFB2G
Description  Miniature Low Pressure Sensors
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

26PCAFB2G Datasheet(HTML) 7 Page - Honeywell Solid State Electronics Center

Back Button 26PCAFB2G Datasheet HTML 3Page - Honeywell Solid State Electronics Center 26PCAFB2G Datasheet HTML 4Page - Honeywell Solid State Electronics Center 26PCAFB2G Datasheet HTML 5Page - Honeywell Solid State Electronics Center 26PCAFB2G Datasheet HTML 6Page - Honeywell Solid State Electronics Center 26PCAFB2G Datasheet HTML 7Page - Honeywell Solid State Electronics Center 26PCAFB2G Datasheet HTML 8Page - Honeywell Solid State Electronics Center 26PCAFB2G Datasheet HTML 9Page - Honeywell Solid State Electronics Center 26PCAFB2G Datasheet HTML 10Page - Honeywell Solid State Electronics Center 26PCAFB2G Datasheet HTML 11Page - Honeywell Solid State Electronics Center Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
7
sensing.honeywell.com
26PC Series, Compensated/Unamplified
figure 2. nomenclature and order Guide1, 4
1
Every combination may not be possible. Contact customer service.
2
Available in 1 psi, 5 psi and 15 psi pressure ranges only.
3
Absolute pressure sensors require pressure port types A or D.
26PC
Product Series
B
Pressure Range
24PC Series Miniature Low Pressure Sensors, Uncompensated/Unamplied
Notes:
1. Every combination may not be possible. Contact customer service.
2. Available in 0.5 psi, 1 psi, 5 psi and 15 psi pressure ranges only.
3. Absolute pressure sensors require pressure port types A or D.
4. Various wire harnesses with end connector options are available. Contact customer service.
For example, a 26PCBEJ6G catalog listing defines a 26PC Series Miniature Low Pressure Sensor, Compensated/Unamplified,
5 psi pressure range, EPDM seal material, needle pressure port type, 1 x 4 SIP, 15,2 mm [0.60 in] long termination configuration, with
normal polarity output and gage pressure measurement type.
26PC
Series
Miniature Low
Pressure Sensors,
Compensated/
Unamplified
A
B
1 psi
5 psi
C
15 psi
D
30 psi
E
Seal Material
F
E
fluorosilicone
EPDM
N
neoprene2
J
Pressure Port Type
A
B
Straight
Barbed
C
Luer
D
Modular
H
I
M5 thread port
90° (opposite Pin 1)
J
Needle
K
90° (toward Pin 1)
M 1/4-28 thread
S
Manifold mount
T
Long barbed
6G
Termination Configuration,
Output, Pressure
Measurement Type
6D
1 x 4 SIP, 15,2 mm [0.60 in] long,
normal polarity, differential
6G 1 x 4 SIP, 15,2 mm [0.60 in] long,
normal polarity, gage
1G
1 x 4 SIP, 10,2 mm [0.40 in] long,
normal polarity, gage
2G 2 x 2 DIP, normal polarity, gage
F
100 psi
G
250 psi



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com