Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

26PCAFB2G Datasheet(PDF) 8 Page - Honeywell Solid State Electronics Center

Part # 26PCAFB2G
Description  Miniature Low Pressure Sensors
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

26PCAFB2G Datasheet(HTML) 8 Page - Honeywell Solid State Electronics Center

Back Button 26PCAFB2G Datasheet HTML 4Page - Honeywell Solid State Electronics Center 26PCAFB2G Datasheet HTML 5Page - Honeywell Solid State Electronics Center 26PCAFB2G Datasheet HTML 6Page - Honeywell Solid State Electronics Center 26PCAFB2G Datasheet HTML 7Page - Honeywell Solid State Electronics Center 26PCAFB2G Datasheet HTML 8Page - Honeywell Solid State Electronics Center 26PCAFB2G Datasheet HTML 9Page - Honeywell Solid State Electronics Center 26PCAFB2G Datasheet HTML 10Page - Honeywell Solid State Electronics Center 26PCAFB2G Datasheet HTML 11Page - Honeywell Solid State Electronics Center 26PCAFB2G Datasheet HTML 12Page - Honeywell Solid State Electronics Center Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
8
sensing.honeywell.com
Miniature Low Pressure Sensors
Table 4. all available Standard Configurations (See figure 2.)
Termination Configuration, output, Pressure measurement Type
6D
6G
1G
2G
a
Straight
N/A
b
barbed
C
luer
D
modular
N/A
H
m5
Thread
i
90°
(opposite
Pin 1)
N/A
N/A
J
needle
N/A
K
90°
(Toward
Pin 1)
N/A
m
1/4-28
Thread
S
manifold
mount
T
long
barbed
N/A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com