Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

26PCAFB2G Datasheet(PDF) 6 Page - Honeywell Solid State Electronics Center

Part # 26PCAFB2G
Description  Miniature Low Pressure Sensors
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

26PCAFB2G Datasheet(HTML) 6 Page - Honeywell Solid State Electronics Center

Back Button 26PCAFB2G Datasheet HTML 2Page - Honeywell Solid State Electronics Center 26PCAFB2G Datasheet HTML 3Page - Honeywell Solid State Electronics Center 26PCAFB2G Datasheet HTML 4Page - Honeywell Solid State Electronics Center 26PCAFB2G Datasheet HTML 5Page - Honeywell Solid State Electronics Center 26PCAFB2G Datasheet HTML 6Page - Honeywell Solid State Electronics Center 26PCAFB2G Datasheet HTML 7Page - Honeywell Solid State Electronics Center 26PCAFB2G Datasheet HTML 8Page - Honeywell Solid State Electronics Center 26PCAFB2G Datasheet HTML 9Page - Honeywell Solid State Electronics Center 26PCAFB2G Datasheet HTML 10Page - Honeywell Solid State Electronics Center Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
6
sensing.honeywell.com
Miniature Low Pressure Sensors
figure 1. Circuit Diagram
Table 3. Performance Characteristics (Vcc =10.00 ±0.01 Vdc; Ta = 25 °C [77 °f])
Characteristic
Unit
note
0 psi to
1 psi
0 psi to
5 psi
0 psi to
15 psi
0 psi to
30 psi
0 psi to
100 psi
0 psi to
250 psi
Typ.
max.
Typ.
max.
Typ.
max.
Typ.
max.
Typ.
max.
Typ.
max.
Span
–
16.7 ±2
–
50 ±3
–
100 ±3
–
100 ±3
–
100 ±3
–
150 ±7
mV
1
Null offset
–
0 ±1.5
–
0 ±1.5
–
0 ±1.5
–
0 ±1.5
–
0 ±2.0
–
0 ±2.0
mV
2
Linearity (Best
Fit Straight Line,
P2>P1)
0.25
0.5
0.4
0.5
0.25
0.5
0.1
0.2
0.4
0.6
0.5
0.7
%span
3
Null shift
(0 °C to 25 °C,
25 °C to 50 °C)
±0.5
±1.0
±0.5
±1.0
±0.5
±1.0
±0.75
±1.5
±1.0
±2.0
±1.0
±2.0
mV
4
Span shift
(0 °C to 25 °C,
25 °C to 50 °C)
±1.0
±2.0
±1.0
±1.5
±0.75
±1.5
±0.75
±1.5
±0.5
±1.5
±0.5
±1.5
%span
5
Repeatability
and hysteresis
±0.5
–
±0.2
–
±0.2
–
±0.2
–
±0.2
–
±0.2
–
mV
6
Overpressure
–
20
–
20
–
45
–
60
–
200
–
500
psi
7
1
Span is the algebraic difference between the output signal measured at the upper and lower limits of the operating pressure range, where
Port 2 (P2)>Port 1 (P1).
2
The output signal obtained when zero pressure is applied to all available ports.
3
The maximum deviation of product output from a straight line fitted to the output measured over the specified operating pressure range, calculated
according to BFSL. The straight line is fitted along a set of points that minimizes the sum of the square of the deviations of each of the points (“least-
squares” method).
4
The maximum deviation in offset due to changes in temperature over the compensated temperature range, relative to offset measured at a reference
temperature of 25 °C.
5
The maximum deviation in span due to changes in temperature over the compensated temperature range, relative to full-scale span measured at a
reference temperature of 25 °C.
6
Repeatability is the maximum difference between the output readings when the same pressure is applied consecutively, under the same operating
conditions, with pressure approaching from the same direction within the specified operating pressure range. Hysteresis is the maximum difference
between output readings when the same pressure is applied consecutively, under the same operating conditions, with pressure approaching from
opposite directions within the specified operating pressure range.
7
Overpressure is the maximum pressure that may safely be applied to the product for it to remain in specification once pressure is returned to the
operating pressure range. Exposure to higher pressures may cause permanent damage to the product. Unless otherwise specified, this applies to all
available pressure ports at any temperature within the operating temperature range.
Symbol
Description
Vcc
supply
OUTPUT A
bridge positive output
GROUND
ground
OUTPUT B
bridge negative output
PIN 1
VCC
PIN 2
OUTPUT
A
PIN 4
Output “A” increases as P2 pressure increases.
Output “B” deceases as P2 pressure increases.
OUTPUT
B
PIN 3
GROUND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com