Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPSLED120 Datasheet(PDF) 4 Page - Honeywell Solid State Electronics Center

Part # CPSLED120
Description  Cable Pull Safety Switch
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

CPSLED120 Datasheet(HTML) 4 Page - Honeywell Solid State Electronics Center

  CPSLED120 Datasheet HTML 1Page - Honeywell Solid State Electronics Center CPSLED120 Datasheet HTML 2Page - Honeywell Solid State Electronics Center CPSLED120 Datasheet HTML 3Page - Honeywell Solid State Electronics Center CPSLED120 Datasheet HTML 4Page - Honeywell Solid State Electronics Center CPSLED120 Datasheet HTML 5Page - Honeywell Solid State Electronics Center CPSLED120 Datasheet HTML 6Page - Honeywell Solid State Electronics Center CPSLED120 Datasheet HTML 7Page - Honeywell Solid State Electronics Center CPSLED120 Datasheet HTML 8Page - Honeywell Solid State Electronics Center CPSLED120 Datasheet HTML 9Page - Honeywell Solid State Electronics Center Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
4
•
Safety Products for Machine Safeguarding •
© Honeywell International Inc. - April 2003
2 NORMALLY CLOSED/
3 NORMALLY CLOSED/
2 NORMALLY OPEN
1 NORMALLY OPEN
X
2CPS
A
C
1/2" NPT =
20 mm =
Conduit
Thread
Ordering:
AB
Example: 2CPSA1A2B
2CPS
Cable Pull Safety Switch
Technical Data
Mechanical
1 000 000 operations
life
Degree of
IP 67
protection
NEMA 1, 4, 12, 13
Temperature
Operating:
range
-40 °C to +80 °C /
-40 °F to +176 °F
without condensation
Approvals
IEC/EN 60947-1
IEC/EN 60947-5-1
IEC/EN 60947-5-5
AC15 A300
DC13 Q300
UL & CSA
BG
Vibration
10 Hz - 500 Hz, 5 g
Shock
15 g
Contact
Gold plate
material
over silver
Included
Turnbuckle(s)
accessories
X
1
2
Contact
block
mounting
= to housing
= removable with
heavy duty
terminals
X
22
21
14
13
22
21
14
13
21-22
13-14
21-22
13-14
12,7
(0.50)
A
B
C
D
E
7,9
(0.31)
3,8
(0.15)
12,7
(0.50)
7,9
(0.31)
3,8
(0.15)
0
*9,9
(0.39)
*9,9
(0.39)
F
G
H
22
21
14
13
22
21
11
12
21-22
13-14
11-12
21-22
12,7
(0.50)
A
B
C
D
E
7,9
(0.31)
3,8
(0.15)
12,7
(0.50)
7,9
(0.31)
3,8
(0.15)
0
*9,9
(0.39)
*9,9
(0.39)
F
G
H
Contact closed
Contact open
A
Left switch
B
Right switch
C
Slackened cable
D
Proper cable tension
E
Pulled cable
F
Cable tension = 111 N (25 lb)
G
Cable tension = 133 N (30 lb)
H
Cable tension = 178 N (40 lb)
I
Ground screw
Contact blocks mounted to housing
I
21
22
13
14
21
22
13
14
M3



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com