Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPSLED120 Datasheet(PDF) 6 Page - Honeywell Solid State Electronics Center

Part # CPSLED120
Description  Cable Pull Safety Switch
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

CPSLED120 Datasheet(HTML) 6 Page - Honeywell Solid State Electronics Center

Back Button CPSLED120 Datasheet HTML 2Page - Honeywell Solid State Electronics Center CPSLED120 Datasheet HTML 3Page - Honeywell Solid State Electronics Center CPSLED120 Datasheet HTML 4Page - Honeywell Solid State Electronics Center CPSLED120 Datasheet HTML 5Page - Honeywell Solid State Electronics Center CPSLED120 Datasheet HTML 6Page - Honeywell Solid State Electronics Center CPSLED120 Datasheet HTML 7Page - Honeywell Solid State Electronics Center CPSLED120 Datasheet HTML 8Page - Honeywell Solid State Electronics Center CPSLED120 Datasheet HTML 9Page - Honeywell Solid State Electronics Center CPSLED120 Datasheet HTML 10Page - Honeywell Solid State Electronics Center  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
6
•
Safety Products for Machine Safeguarding •
© Honeywell International Inc. - April 2003
Temperature-Span Distance Application Information
Cable Pull Switches featuring broken cable detection require pre-tensioning in order to enable the RUN condition.
The relative expansion or contraction of the steel actuating cable when the ambient temperature increases or decreases must be
taken into account when pre-tensioning a cable pull switch.
The change in cable length with change in temperature can cause significant nuisance shut downs on longer runs.
Install the system when the temperature is at the mid point of the extremes. If a warehouse has a low temperature of 15,6 °C
(60 °F) and a high of 32,2 °C (90 °F), set up the system at the midpoint 23,9 °C (75 °F).
Use an endspring or another CPS at the opposite end of the cable span to double the temperature tolerance and to meet the
requirements of EN 418.
0 m
[0 ft]
0 ˚C
[0 ˚F]
22,9 m
[75 ft]
45,7 m
[150 ft]
114,3 m
[375 ft]
228,6 m
[750 ft]
-27,8 ˚C
[-50 ˚F]
A
E
+27,8 ˚C
[+50 ˚F]
C
C
76,2 m
[250 ft]
+16,7 ˚C
[+30 ˚F]
+8,3 ˚C
[+15 ˚F]
-16,7 ˚C
[-30 ˚F]
-8,3 ˚C
[-15 ˚F]
137,2 m
[450 ft]
160,0 m
[525 ft]
205,7 m
[675 ft]
68,8 m
[225 ft]
182,9 m
[600 ft]
D
D
B
A = Total temperature variation
B = Setup point - Ideally at middle of temperature extremes
C = Cable Pull Switch usable temperature span without endspring or second CPS
D = Cable Pull Switch usable temperature span with endspring or second CPS
E = Cable span distance



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com