Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPSLED120 Datasheet(PDF) 7 Page - Honeywell Solid State Electronics Center

Part # CPSLED120
Description  Cable Pull Safety Switch
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

CPSLED120 Datasheet(HTML) 7 Page - Honeywell Solid State Electronics Center

Back Button CPSLED120 Datasheet HTML 2Page - Honeywell Solid State Electronics Center CPSLED120 Datasheet HTML 3Page - Honeywell Solid State Electronics Center CPSLED120 Datasheet HTML 4Page - Honeywell Solid State Electronics Center CPSLED120 Datasheet HTML 5Page - Honeywell Solid State Electronics Center CPSLED120 Datasheet HTML 6Page - Honeywell Solid State Electronics Center CPSLED120 Datasheet HTML 7Page - Honeywell Solid State Electronics Center CPSLED120 Datasheet HTML 8Page - Honeywell Solid State Electronics Center CPSLED120 Datasheet HTML 9Page - Honeywell Solid State Electronics Center CPSLED120 Datasheet HTML 10Page - Honeywell Solid State Electronics Center  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
•
Safety Products for Machine Safeguarding •
7
© Honeywell International Inc. - April 2003
Application information
1CPS
2CPS
A
B
C
F
G
H
K
I
D
E
J
G
H
J
A
0,46 m [18 in] maximum
B
2,4 m [8 ft] maximum
C
76 m [250 ft] typical
D
Reset knob
E
Tension indicator line is in center
of indicator window – cable is
properly tensioned
F
J-hook turnbuckle
G
Thimble
H
Cable clamp
I
Cable support (eyebolt)
J
Cable
K
Endspring
OFF
RUN
D
E
F
H
J
I
K
G
OFF
RUN
D
E
F
H
G
A
46 cm [18 in] maximum
B
2,4 m [8 ft] maximum
C
76 m [250 ft] typical
D
J-hook turnbuckle (included)
E
Thimble
F
Cable clamp
G
Cable support
I
Tension indicator line is in
center of indicator window -
left cable is properly tensioned
H
Endspring
J
Reset knob
K
Tension indicator line is in
L
Thimble
M
Cable clamp
N
Cable
center of indicator window -
right cable is properly tensioned
L
M
N
A
B
C
OFF
RUN



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com