Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPSLED120 Datasheet(PDF) 1 Page - Honeywell Solid State Electronics Center

Part # CPSLED120
Description  Cable Pull Safety Switch
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

CPSLED120 Datasheet(HTML) 1 Page - Honeywell Solid State Electronics Center

  CPSLED120 Datasheet HTML 1Page - Honeywell Solid State Electronics Center CPSLED120 Datasheet HTML 2Page - Honeywell Solid State Electronics Center CPSLED120 Datasheet HTML 3Page - Honeywell Solid State Electronics Center CPSLED120 Datasheet HTML 4Page - Honeywell Solid State Electronics Center CPSLED120 Datasheet HTML 5Page - Honeywell Solid State Electronics Center CPSLED120 Datasheet HTML 6Page - Honeywell Solid State Electronics Center CPSLED120 Datasheet HTML 7Page - Honeywell Solid State Electronics Center CPSLED120 Datasheet HTML 8Page - Honeywell Solid State Electronics Center CPSLED120 Datasheet HTML 9Page - Honeywell Solid State Electronics Center Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
! WARNING
MISUSE OF DOCUMENTATION
• The information presented in this product sheet (or catalogue) is for reference only. DO NOT USE this document as system
installation information.
• Complete installation, operation and maintenance information is provided in the instructions supplied with each product.
Failure to comply with these instructions could result in death or serious injury.
•
Safety Products for Machine Safeguarding •
1
© Honeywell International Inc. - April 2003
New
CPS Series
Cable Pull Safety Switch
FEATURES
• Direct opening action
of NC
(normally closed) contacts
• 2CPS: 2NO/2NC, 1NO/3NC or 4NC
contact configurations
1CPS: 1NO/1NC, 2NO/2NC, 1NO/3NC or
4NC contact configurations
• Typical cable span of 76 m (250 ft) in an
environment with a temperature change
of ±17 °C (±30 °F). Longer spans are
possible depending upon temperature
change and installation
(ref. note on page 6 for more details or
Application note - Effect of Temperature
on Cable Pull Switch Operation)
• Choice of three actuator configurations
(2CPS)
• Removable contact block version
available (2CPS)
• Large wiring cavity with straight-
through wiring
• 24 Vdc or 120 Vac bright, multicluster
LED status indicator light available on
2CPS. Single high intensity LED on 1CPS
• Gold-plated contacts are standard on
2CPS, available on 1CPS
• Die-cast zinc housing
• Optional hardware packs available
TYPICAL APPLICATIONS
• Long conveyor systems found in
warehouses and distribution centers
• Conveyor systems having a high amount
of vibration
• Conveyor systems that experience wide
temperature swings
• Long conveyor systems where easy
through wiring, or highly visible trip
status is required
• Hose down conditions
• Packaging equipment
• Assembly lines
CPS Series Cable Pull Safety Switches provide a readily accessible emergency stop
signal. This is a cost-effective means compared to using multiple emergency stop
push-buttons. (Cable Pull Safety Switches are not, however, to be used as a means
of personnel safeguarding. They may be used to prevent further injury or damage to
equipment when used for emergency stop signaling.)
The CPS Series Cable Pull Safety switch is designed to provide emergency stop
protection for exposed conveyor and assembly lines. The internal mechanism
latches on both slackened cable (push) and pulled cable. This capability also en-
hances productivity by eliminating nuisance stops due to variations in temperature,
stretch of cable over time, and other application variables.
The 1CPS is intended for use in applications where the cable span is 76 m (250 ft)
or shorter. It is an economical solution for shorter runs or zone protection typical to
automated systems. The 2CPS series is intended for use in very long cable runs of
152 m (500 ft) or shorter, such as long conveyor lines found in warehouses.
A line in the midpoint of the cable tension window indicates proper cable tension,
providing easy set-up. The direct opening switch contacts are held closed when the
actuating cable is under proper tension and the reset knob is set to RUN. When the
actuating cable is pulled, slackened or broken, a cam positively opens the NC (Nor-
mally Closed) switch contacts. The snap action, trip operation causes the switch
contacts to change state and mechanically latch almost simultaneously when the
cable is pulled, slackened or broken. The NC switch contacts remain open until the
CPS is reset by properly tensioning the cable and manually rotating the reset knob.
When the direct opening switch contacts open, the auxiliary contacts also actuate
(open contacts close and closed contacts open). The auxiliary contacts are electri-
cally isolated from the direct opening switch contacts. These NO (Normally Open)
contacts may be used for monitoring or signaling.
The CPS complies with: Low Voltage Directive 73/23/EEC, as amended by directive
93/68/EEC; Machinery Directive 98/37/EEC only as the directives relate to the
components being used in a safety function; IEC/EN 60947-1; IEC/EN 60947-5-1;
IEC/EN 60947-5-5.
BG
(Applied for)


Similar Part No. - CPSLED120

ManufacturerPart #DatasheetDescription
logo
Honeywell Solid State E...
CPSLED120 HONEYWELL-CPSLED120 Datasheet
1Mb / 15P
MICRO SWITCH Cable-Pull Safety Switches
More results

Similar Description - CPSLED120

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
H361AWK ETC2-H361AWK Datasheet
492Kb / 2P
Safety Switch
H365NR ETC2-H365NR Datasheet
90Kb / 1P
Safety Switch
HU362 ETC2-HU362 Datasheet
443Kb / 2P
Safety Switch
logo
Pepperl+Fuchs Inc.
VAA-1E-IEI3-READER1-S-V31 PF-VAA-1E-IEI3-READER1-S-V31 Datasheet
149Kb / 1P
Safety Switch
VAA-2E1A-IER1-S-1M-V1 PF-VAA-2E1A-IER1-S-1M-V1 Datasheet
301Kb / 2P
Safety Switch
VAZ-IEI3-TAG1-S PF-VAZ-IEI3-TAG1-S Datasheet
129Kb / 1P
Safety Switch
VAZ-IER1-ACTUATOR1-S PF-VAZ-IER1-ACTUATOR1-S Datasheet
184Kb / 1P
Safety Switch
VAZ-IER2-ACTUATOR2-S PF-VAZ-IER2-ACTUATOR2-S Datasheet
171Kb / 1P
Safety Switch
VAA-2E-IM1-J-S-V1 PF-VAA-2E-IM1-J-S-V1 Datasheet
228Kb / 2P
Safety Switch
2019-01-09
VAA-2E2A-IM1-J-S-V1 PF-VAA-2E2A-IM1-J-S-V1 Datasheet
233Kb / 2P
Safety Switch
2019-01-09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com