Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS70-B2GA331KAVKA Datasheet(PDF) 2 Page - TDK Electronics

Part # CS70-B2GA331KAVKA
Description  High voltage ceramic capacitors, automotive grade, safety standard approved
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

CS70-B2GA331KAVKA Datasheet(HTML) 2 Page - TDK Electronics

  CS70-B2GA331KAVKA Datasheet HTML 1Page - TDK Electronics CS70-B2GA331KAVKA Datasheet HTML 2Page - TDK Electronics CS70-B2GA331KAVKA Datasheet HTML 3Page - TDK Electronics CS70-B2GA331KAVKA Datasheet HTML 4Page - TDK Electronics CS70-B2GA331KAVKA Datasheet HTML 5Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
CAPACITORS
(2/5)
leaddisc_automotive_cs_en.fm
Please be sure to request delivery specifications that provide further details on the features and specifications of the products for proper and safe use.
Please note that the contents may change without any prior notice due to reasons such as upgrading.
20210802
Overview of CS series
CERTIFIED STATUS OF VARIOUS COUNTRIES
* Certificate numbers shall be changed owing to the revisions of the related standards and renewal of certificate.
RECOMMENDED FLOW PROFILE
Safety
standard
IEC standard No.
Standard No.
Temperature
characteristics
Sub-class
Rated voltage
Approval report No.
*
Xiamen
BSI
BS EN60384-14
IEC 60384-14
BS EN60065
(8.8, 14.2)
BS EN60384-14
SL,B,Z5U
X1,Y2
X1:440V AC
Y2:300V AC
KM37103
VDE
IEC 60384-14
EN 60384-14
40017930
SEV
19.0043
SEMKO
1910408
NEMKO
P19223652
DEMKO
D-04986
FIMKO
FI 140177
IMQ
V3692
SAA
CS6268
CSA
CSA-E60384-14
1785515
UL
UL60384-14
E37861
CQC
IEC 60384-14
CQC10001052862
KTL
K60384-14
X1
440V AC
SU03047-12006
Y2
300V AC
SU03047-12008
Preheating
Peak
Natural cooling
Temp.
Time
Temp.
Time
Time
T1
t1
T2
t2
t3
110°C min.
30 to 60s.
260°C
Within 10s.
Over 60s.
Natural
cooling
Preheating
Soldering
T2
T1
t: Time
t1
t2
t3



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com