Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS70-B2GA331KAVKA Datasheet(PDF) 4 Page - TDK Electronics

Part # CS70-B2GA331KAVKA
Description  High voltage ceramic capacitors, automotive grade, safety standard approved
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

CS70-B2GA331KAVKA Datasheet(HTML) 4 Page - TDK Electronics

  CS70-B2GA331KAVKA Datasheet HTML 1Page - TDK Electronics CS70-B2GA331KAVKA Datasheet HTML 2Page - TDK Electronics CS70-B2GA331KAVKA Datasheet HTML 3Page - TDK Electronics CS70-B2GA331KAVKA Datasheet HTML 4Page - TDK Electronics CS70-B2GA331KAVKA Datasheet HTML 5Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
CAPACITORS
(4/5)
leaddisc_automotive_cs_en.fm
Please be sure to request delivery specifications that provide further details on the features and specifications of the products for proper and safe use.
Please note that the contents may change without any prior notice due to reasons such as upgrading.
20210802
CS series
TAPING DIMENSIONS
AMMO PACK INNER BOX SIZE
PACKAGE QUANTITY
Item
Symbols
Dimensions (mm)
Remarks
Body diameter
D
Refer to P-3
*1 Body diameter (D) is reference value if D is smaller than maximum
dimension of lead to lead distance (F).
Body thickness
T
Refer to P-3
Lead-wire diameter
ød
0.6±0.05
Pitch of component
P
15.0±1.0
Including the slant of body
Feed hole pitch
P0
15.0±0.3
Excepting the tape splicing part
Feed hole center to lead-wire
P1
3.75±0.7
Feed hole center to component center
P2
7.5±1.3
Including the slanting body due to bending lead-wire
Lead-to lead distance
F
7.5±0.8
Measuring point is bottom kink
Component alignment
h
0±2.0
Including the slanting body due to bending lead-wire
Carrier tape width
W
18.0+1.0,–0.5
Adhesive tape width
W0
10.0 Min.
Hole position
W1
9.0±0.5
Adhesive tape position
W2
4.0 Max.
Adhesive tape do not stick out the tape
Bottom of kink from tape center
H0
16.0+1.5,–0.5
Lead-wire protrusion
1.0 Max.
Feed hole diameter
D0
4.0±0.2
Carrier tape thickness
(Including adhesive tape)
t
0.6±0.3
Including adhesive tape
Length of snipped lead-wire
L
11.0 Max.
Coating on lead-wire
C
4.0 Max.
*2 Coating on leads shall not extend beyond the bottom of vertical kink.
Height of kink
A
4.0 Max.
Measuring point is bottom kink
Spring action
S
2.0 Max.
P2
D*1
P1
T
h
h
S
P0
ød
F
D0
P
340max.
60m
ax.
Dimensions in mm
Type
Package quantity
Bulk (pieces / bag)
Taping (pieces / box)
CS
1000
1000



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com