Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS70-B2GA331KAVKA Datasheet(PDF) 1 Page - TDK Electronics

Part # CS70-B2GA331KAVKA
Description  High voltage ceramic capacitors, automotive grade, safety standard approved
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

CS70-B2GA331KAVKA Datasheet(HTML) 1 Page - TDK Electronics

  CS70-B2GA331KAVKA Datasheet HTML 1Page - TDK Electronics CS70-B2GA331KAVKA Datasheet HTML 2Page - TDK Electronics CS70-B2GA331KAVKA Datasheet HTML 3Page - TDK Electronics CS70-B2GA331KAVKA Datasheet HTML 4Page - TDK Electronics CS70-B2GA331KAVKA Datasheet HTML 5Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
CAPACITORS
(1/5)
leaddisc_automotive_cs_en.fm
Please be sure to request delivery specifications that provide further details on the features and specifications of the products for proper and safe use.
Please note that the contents may change without any prior notice due to reasons such as upgrading.
20210802
Disc type capacitors with leads
High voltage ceramic capacitors, automotive grade, safety standard approved
CS series
FEATURES
AEC-Q200 compliant.
1,000 cycles guaranteed under heat shock testing at –55°C to +125°C.
For use in Y capacitor for battery chargers of automobile (EV, PHEV).
Compliant with IEC and the safety standards of various countries.
Withstand voltage is 2,600V AC.
Conform to RoHS directive due to lead(Pb) free of lead-wire and internal solder material.
Compatible with halogen-free external resin coating.
APPLICATION
Y capacitor for automotive battery chargers or air conditioners
PART NUMBER CONSTRUCTION
 Please refer to P-3 about the product dimensions.
OPERATING TEMPERATURE RANGE
The maximum operating temperature of +125°C includes capacitor self-generated heat of up to 20°C.
After capacitor is mounted on board, the storage temperature range is applied.
STANDARD LEAD-WIRE SHAPES
Dimemsions in mm
TDK’s standard product is vertical kink. TDK recommends short leads for bulk products.
*1 Body diameter (D) is reference value if D is smaller than maximum dimension of lead to lead distance (F).
*2 Coating on leads shall not extend beyond the bottom of vertical kink.
CS
80
ZU
2GA
222
M
A
□
KA
Series
name
Type
Temperature
characteristics
Rated voltage
Nominal
capacitance
Capacitance
tolerance
Grade
classification
Lead-wire
type
Application
classification
Internal
code
45
SL
+350 to
–1,000ppm/°C
2GA
X1:440V AC
Y2:300V AC
100
10pF
J
±5%
A
For use in
automobiles
G
Long lead
K
Safety
standard
approved
A Halogen-free
65
221
220pF
K
±10%
N
Short lead
70
B
±10%
472 4,700pF
M
±20%
V
Taping
75
ZU
(Z5U)
+22, -56%
80
85
95
11
Temperature characteristics
Operating temperature (°C)
Storage temperature (°C)
SL
–55 to 125
–55 to 125
B
–55 to 125
–55 to 125
ZU(Z5U)
–55 to 125
–55 to 125
Symbol G : Bulk/long leads
Symbol N : Bulk/short leads
Symbol V : Taping
Vertical kink
REACH
SVHC-Free
Lead
Free
RoHS
Pb
Halogen
Free
Br
Cl
F
ø0.6±0.05
D*1
*2
T
D*1
T
F
*2
ø0.6±0.05
D*1
T
F
ø0.6±0.05
*2
RoHS Directive Compliant Product: See the following for more details. https://product.tdk.com/en/environment/rohs/index.html
Halogen-free: Indicate that Cl content is less than 900ppm, Br content is less than 900ppm, and that the total Cl and Br content is less than 1500ppm.


Similar Part No. - CS70-B2GA331KAVKA

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
CS70-B2GA331KAGKA TDK-CS70-B2GA331KAGKA Datasheet
158Kb / 9P
High Voltage Ceramic Capacitors Automotive Grade, Safety Standard Approved
More results

Similar Description - CS70-B2GA331KAVKA

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
EMIY1-VY1 VISHAY-EMIY1-VY1 Datasheet
446Kb / 5P
Ceramic Disc Capacitors Safety Standard Approved Disc Capacitors
14-Mar-08
VY1222M47Y5UQ63V0 VISHAY-VY1222M47Y5UQ63V0 Datasheet
133Kb / 6P
Ceramic Disc Capacitors Safety Standard Approved Disc AC Capacitors
15-Oct-09
logo
TDK Electronics
CD12-E2GA222MYNSA TDK-CD12-E2GA222MYNSA Datasheet
73Kb / 3P
Mid-high Voltage Ceramic Capacitors Disk type with lead Safety standard approved
CS11-E2GA222MYNSA TDK-CS11-E2GA222MYNSA Datasheet
93Kb / 4P
Mid-high Voltage Ceramic Capacitors Disk type with lead Safety standard approved
logo
Murata Manufacturing Co...
DEHR33A102KB2B MURATA-DEHR33A102KB2B Datasheet
1Mb / 83P
Safety Standard Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
DESD32H472KN7A MURATA-DESD32H472KN7A Datasheet
1Mb / 83P
Safety Standard Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
DE1E3KX332MN5AA01 MURATA-DE1E3KX332MN5AA01 Datasheet
1Mb / 84P
Safety Standard Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
logo
TDK Electronics
CS11ZU2GA472MAGKA TDK-CS11ZU2GA472MAGKA Datasheet
158Kb / 9P
High Voltage Ceramic Capacitors Automotive Grade, Safety Standard Approved
CS45-B2GA101K-GKA TDK-CS45-B2GA101K-GKA Datasheet
168Kb / 10P
High Voltage Ceramic Capacitors Automotive Grade, Safety Standard Approved
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com