Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS70-B2GA331KAVKA Datasheet(PDF) 3 Page - TDK Electronics

Part # CS70-B2GA331KAVKA
Description  High voltage ceramic capacitors, automotive grade, safety standard approved
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

CS70-B2GA331KAVKA Datasheet(HTML) 3 Page - TDK Electronics

  CS70-B2GA331KAVKA Datasheet HTML 1Page - TDK Electronics CS70-B2GA331KAVKA Datasheet HTML 2Page - TDK Electronics CS70-B2GA331KAVKA Datasheet HTML 3Page - TDK Electronics CS70-B2GA331KAVKA Datasheet HTML 4Page - TDK Electronics CS70-B2GA331KAVKA Datasheet HTML 5Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
CAPACITORS
(3/5)
leaddisc_automotive_cs_en.fm
Please be sure to request delivery specifications that provide further details on the features and specifications of the products for proper and safe use.
Please note that the contents may change without any prior notice due to reasons such as upgrading.
20210802
CS series
MARKINGS
 Year and month of production: last digit of year + month denoted by 1, 2, 3, 4, 5, 6, 7, 8, 9, O (October), N (November), or D (December).
The expression has become simplified due to a revision in the standards.
RATED VOLTAGE Eac: X1:440V, Y2:300V
CAPACITANCE AND DIMENSIONS
 The values in parentheses "( )" are reference values.
Click the part number for details.
 Reference values are applied to bulk products.
• Please refer to p-4 about the taping dimemsions.
Item
Markings
Description
Marking example
1.Series
2.Nominal capacitance
3.Capacitance tolerance
4.Rated voltage Eac
5.TDK’s trademark
6.Date code
7.Applications
CS
10
J
440
∼X1
300
∼Y2
04
—
(underscore below date of production)
CS series
10pF
±5%
X1:440V AC
Y2:300V AC
Production base code
2020.4
For automobile
Temperature
characteristics
Capacitance
Capacitance
tolerance
Dimensions (mm)
Part numbers
Dmax. * Tmax.
F
(applied
to bulk)
F
(applied
to taping)
Bulk/long leads
(Symbol: G)
Bulk/short leads
(Symbol: N)
Taping
(Symbol: V)
SL
10pF
±5%
(7.0)
7.0
7.5±1.5
7.5±0.8
CS45SL2GA100JAGKA
CS45SL2GA100JANKA
CS45SL2GA100JAVKA
SL
15pF
±5%
(7.0)
7.0
7.5±1.5
7.5±0.8
CS45SL2GA150JAGKA
CS45SL2GA150JANKA
CS45SL2GA150JAVKA
SL
22pF
±5%
(7.0)
7.0
7.5±1.5
7.5±0.8
CS45SL2GA220JAGKA
CS45SL2GA220JANKA
CS45SL2GA220JAVKA
SL
33pF
±5%
(7.0)
7.0
7.5±1.5
7.5±0.8
CS45SL2GA330JAGKA
CS45SL2GA330JANKA
CS45SL2GA330JAVKA
SL
47pF
±5%
(8.0)
7.0
7.5±1.5
7.5±0.8
CS45SL2GA470JAGKA
CS45SL2GA470JANKA
CS45SL2GA470JAVKA
SL
68pF
±5%
9.0
7.0
7.5±1.5
7.5±0.8
CS45SL2GA680JAGKA
CS45SL2GA680JANKA
CS45SL2GA680JAVKA
B
100pF
±10%
(7.0)
7.0
7.5±1.5
7.5±0.8
CS65-B2GA101KAGKA
CS65-B2GA101KANKA
CS65-B2GA101KAVKA
B
150pF
±10%
(7.0)
7.0
7.5±1.5
7.5±0.8
CS65-B2GA151KAGKA
CS65-B2GA151KANKA
CS65-B2GA151KAVKA
B
220pF
±10%
(7.0)
7.0
7.5±1.5
7.5±0.8
CS65-B2GA221KAGKA
CS65-B2GA221KANKA
CS65-B2GA221KAVKA
B
330pF
±10%
(7.5)
7.0
7.5±1.5
7.5±0.8
CS70-B2GA331KAGKA
CS70-B2GA331KANKA
CS70-B2GA331KAVKA
B
470pF
±10%
9.0
7.0
7.5±1.5
7.5±0.8
CS75-B2GA471KAGKA
CS75-B2GA471KANKA
CS75-B2GA471KAVKA
B
680pF
±10%
9.5
7.0
7.5±1.5
7.5±0.8
CS85-B2GA681KAGKA
CS85-B2GA681KANKA
CS85-B2GA681KAVKA
Z5U
1,000pF
±20%
(7.0)
7.0
7.5±1.5
7.5±0.8
CS65ZU2GA102MAGKA CS65ZU2GA102MANKA CS65ZU2GA102MAVKA
Z5U
1,500pF
±20%
(8.0)
7.0
7.5±1.5
7.5±0.8
CS75ZU2GA152MAGKA CS75ZU2GA152MANKA CS75ZU2GA152MAVKA
Z5U
2,200pF
±20%
9.5
7.0
7.5±1.5
7.5±0.8
CS80ZU2GA222MAGKA CS80ZU2GA222MANKA CS80ZU2GA222MAVKA
Z5U
3,300pF
±20%
12.0
7.0
7.5±1.5
7.5±0.8
CS95ZU2GA332MAGKA CS95ZU2GA332MANKA CS95ZU2GA332MAVKA
Z5U
4,700pF
±20%
13.5
7.0
7.5±1.5
7.5±0.8
CS11ZU2GA472MAGKA CS11ZU2GA472MANKA CS11ZU2GA472MAVKA
CS10J
(Marking position is reference.)
04
• For more information about products with other capacitance or other data, please contact us.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com