Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LIS302DL Datasheet(PDF) 9 Page - STMicroelectronics

Part # LIS302DL
Description  MEMS motion sensor 3-axis - ±2g/±8g smart digital output ?쐏iccolo??accelerometer
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LIS302DL Datasheet(HTML) 9 Page - STMicroelectronics

Back Button LIS302DL_07 Datasheet HTML 5Page - STMicroelectronics LIS302DL_07 Datasheet HTML 6Page - STMicroelectronics LIS302DL_07 Datasheet HTML 7Page - STMicroelectronics LIS302DL_07 Datasheet HTML 8Page - STMicroelectronics LIS302DL_07 Datasheet HTML 9Page - STMicroelectronics LIS302DL_07 Datasheet HTML 10Page - STMicroelectronics LIS302DL_07 Datasheet HTML 11Page - STMicroelectronics LIS302DL_07 Datasheet HTML 12Page - STMicroelectronics LIS302DL_07 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 42 page
background image
LIS302DL
Block diagram and pin description
9/42
Table 2.
Pin description
Pin#
Name
Function
1
Vdd_IO
Power supply for I/O pins
2
GND
0V supply
3
Reserved
Connect to Vdd
4
GND
0V supply
5
GND
0V supply
6
Vdd
Power supply
7CS
SPI enable
I2C/SPI mode selection (1: I2C mode; 0: SPI enabled)
8
INT 1
Inertial interrupt 1
9
INT 2
Inertial interrupt 2
10
GND
0V supply
11
Reserved
Connect to Gnd
12
SDO
SPI Serial data output
I2C less significant bit of the device address
13
SDA
SDI
SDO
I2C Serial Data (SDA)
SPI Serial Data Input (SDI)
3-wire Interface Serial Data Output (SDO)
14
SCL
SPC
I2C Serial Clock (SCL)
SPI Serial Port Clock (SPC)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com