Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LIS302DL Datasheet(PDF) 18 Page - STMicroelectronics

Part # LIS302DL
Description  MEMS motion sensor 3-axis - ±2g/±8g smart digital output ?쐏iccolo??accelerometer
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LIS302DL Datasheet(HTML) 18 Page - STMicroelectronics

Back Button LIS302DL_07 Datasheet HTML 14Page - STMicroelectronics LIS302DL_07 Datasheet HTML 15Page - STMicroelectronics LIS302DL_07 Datasheet HTML 16Page - STMicroelectronics LIS302DL_07 Datasheet HTML 17Page - STMicroelectronics LIS302DL_07 Datasheet HTML 18Page - STMicroelectronics LIS302DL_07 Datasheet HTML 19Page - STMicroelectronics LIS302DL_07 Datasheet HTML 20Page - STMicroelectronics LIS302DL_07 Datasheet HTML 21Page - STMicroelectronics LIS302DL_07 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 42 page
background image
Digital interfaces
LIS302DL
18/42
5
Digital interfaces
The registers embedded inside the LIS302DL may be accessed through both the I2C and
SPI serial interfaces. The latter may be SW configured to operate either in 3-wire or 4-wire
interface mode.
The serial interfaces are mapped onto the same pads. To select/exploit the I2C interface, CS
line must be tied high (i.e connected to Vdd_IO).
5.1
I2C serial interface
The LIS302DL I2C is a bus slave. The I2C is employed to write the data into the registers
whose content can also be read back.
The relevant I2C terminology is given in the table below.
There are two signals associated with the I2C bus: the Serial Clock Line (SCL) and the
Serial DAta line (SDA). The latter is a bidirectional line used for sending and receiving the
data to/from the interface. Both the lines are connected to Vdd_IO through a pull-up resistor
embedded inside the LIS302DL. When the bus is free both the lines are high.
The I2C interface is compliant with Fast Mode (400 kHz) I2C standards as well as the normal
mode.
Table 8.
Serial interface pin description
Pin name
PIN description
CS
SPI enable
I2C/SPI mode selection (1: I2C mode; 0: SPI enabled)
SCL/SPC
I2C Serial Clock (SCL)
SPI Serial Port Clock (SPC)
SDA/SDI/SDO
I2C Serial Data (SDA)
SPI Serial Data Input (SDI)
3-wire Interface Serial Data Output (SDO)
SDO
SPI Serial Data Output (SDO)
Table 9.
Serial interface pin description
Term
Description
Transmitter
The device which sends data to the bus
Receiver
The device which receives data from the bus
Master
The device which initiates a transfer, generates clock signals and terminates a
transfer
Slave
The device addressed by the master



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com