Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LIS302DL Datasheet(PDF) 33 Page - STMicroelectronics

Part # LIS302DL
Description  MEMS motion sensor 3-axis - ±2g/±8g smart digital output ?쐏iccolo??accelerometer
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LIS302DL Datasheet(HTML) 33 Page - STMicroelectronics

Back Button LIS302DL_07 Datasheet HTML 29Page - STMicroelectronics LIS302DL_07 Datasheet HTML 30Page - STMicroelectronics LIS302DL_07 Datasheet HTML 31Page - STMicroelectronics LIS302DL_07 Datasheet HTML 32Page - STMicroelectronics LIS302DL_07 Datasheet HTML 33Page - STMicroelectronics LIS302DL_07 Datasheet HTML 34Page - STMicroelectronics LIS302DL_07 Datasheet HTML 35Page - STMicroelectronics LIS302DL_07 Datasheet HTML 36Page - STMicroelectronics LIS302DL_07 Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 42 page
background image
LIS302DL
Register description
33/42
7.15
FF_WU_SRC_2 (35h)
Free-fall and wake-up source register. Read only register.
Reading at this address clears FF_WU_SRC_2 register and the FF, WU 2 interrupt and
allows the refreshment of data in the FF_WU_SRC_2 register if the latched option was
chosen.
7.16
FF_WU_THS_2 (36h)
Most significant bit (DCRM) is used to select the resetting mode of the duration counter. If
DCRM=0 counter is resetted when the interrupt is no more active else if DCRM=1 duration
counter is decremented.
7.17
FF_WU_DURATION_2 (37h)
Table 41.
Register
X
IA
ZH
ZL
YHYLXHXL
Table 42.
Register description
IA
Interrupt active. Default value: 0
(0: no interrupt has been generated;
1: one or more interrupt event has been generated)
ZH
Z high. Default value: 0
(0: no interrupt; 1: ZH event has occurred)
ZL
Z low. Default value: 0
(0: no interrupt; 1: ZL event has occurred)
YH
Y high. Default value: 0
(0: no interrupt; 1: YH event has occurred)
YL
Y low. Default value: 0
(0: no interrupt; 1: YL event has occurred)
XH
X high. Default value: 0
(0: no interrupt; 1: XH event has occurred)
XL
X low. Default value: 0
(0: no interrupt; 1: XL event has occurred)
Table 43.
Register
DCRM
THS6
THS5
THS4
THS3
THS2
THS1
THS0
Table 44.
Register description
DCRM
Resetting mode selection. Default value: 0
(0: counter resetted; 1: counter decremented)
THS6, THS0
Free-fall / wake-up Threshold. Default value: 000 0000
Table 45.
Register
D7
D6
D5
D4
D3
D2
D1
D0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com