Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LIS302DL Datasheet(PDF) 32 Page - STMicroelectronics

Part # LIS302DL
Description  MEMS motion sensor 3-axis - ±2g/±8g smart digital output ?쐏iccolo??accelerometer
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LIS302DL Datasheet(HTML) 32 Page - STMicroelectronics

Back Button LIS302DL_07 Datasheet HTML 28Page - STMicroelectronics LIS302DL_07 Datasheet HTML 29Page - STMicroelectronics LIS302DL_07 Datasheet HTML 30Page - STMicroelectronics LIS302DL_07 Datasheet HTML 31Page - STMicroelectronics LIS302DL_07 Datasheet HTML 32Page - STMicroelectronics LIS302DL_07 Datasheet HTML 33Page - STMicroelectronics LIS302DL_07 Datasheet HTML 34Page - STMicroelectronics LIS302DL_07 Datasheet HTML 35Page - STMicroelectronics LIS302DL_07 Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 42 page
background image
Register description
LIS302DL
32/42
7.13
FF_WU_DURATION_1 (33h)
Duration register for Free-Fall/Wake-Up interrupt 1. Duration step and maximum value
depend on the ODR chosen. Step 2.5 msec, from 0 to 637.5 msec if ODR=400Hz, else step
10 msec, from 0 to 2.55 sec when ODR=100Hz. The counter used to implement duration
function is blocked when LIR=1 in configuration register and the interrupt event is verified
7.14
FF_WU_CFG_2 (34h)
Table 37.
Register
D7
D6
D5
D4
D3
D2
D1
D0
Table 38.
Register description
D7-D0
Duration value. Default value: 0000 0000
Table 39.
Register
AOI
LIR
ZHIE
ZLIE
YHIE
YLIE
XHIE
XLIE
Table 40.
Register description
AOI
And/or combination of Interrupt events. Default value: 0
(0: OR combination of interrupt events; 1: AND combination of interrupt events)
LIR
Latch interrupt request into FF_WU_SRC reg with the FF_WU_SRC reg cleared by
reading FF_WU_SRC_2 reg. Default value: 0
(0: interrupt request not latched; 1: interrupt request latched)
ZHIE
Enable interrupt generation on Z high event. Default value: 0
(0: disable interrupt request;
1: enable interrupt request on measured accel. value higher than preset threshold)
ZLIE
Enable interrupt generation on Z low event. Default value: 0
(0: disable interrupt request;
1: enable interrupt request on measured accel. value lower than preset threshold)
YHIE
Enable interrupt generation on Y high event. Default value: 0
(0: disable interrupt request;
1: enable interrupt request on measured accel. value higher than preset threshold)
YLIE
Enable interrupt generation on Y low event. Default value: 0
(0: disable interrupt request;
1: enable interrupt request on measured accel. value lower than preset threshold)
XHIE
Enable interrupt generation on X high event. Default value: 0
(0: disable interrupt request;
1: enable interrupt request on measured accel. value higher than preset threshold)
XLIE
Enable interrupt generation on X low event. Default value: 0
(0: disable interrupt request;
1: enable interrupt request on measured accel. value lower than preset threshold)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com