Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST20-C1 Datasheet(PDF) 170 Page - STMicroelectronics

Part # ST20-C1
Description  Instruction Set Reference Manual
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST20-C1 Datasheet(HTML) 170 Page - STMicroelectronics

Back Button ST20-C1 Datasheet HTML 166Page - STMicroelectronics ST20-C1 Datasheet HTML 167Page - STMicroelectronics ST20-C1 Datasheet HTML 168Page - STMicroelectronics ST20-C1 Datasheet HTML 169Page - STMicroelectronics ST20-C1 Datasheet HTML 170Page - STMicroelectronics ST20-C1 Datasheet HTML 171Page - STMicroelectronics ST20-C1 Datasheet HTML 172Page - STMicroelectronics ST20-C1 Datasheet HTML 173Page - STMicroelectronics ST20-C1 Datasheet HTML 174Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 170 / 205 page
background image
170/205
®
A.1
Status Register
A.2
Exception levels
Full name
Bit numbers
Meaning when set or meaning of value
mac_count
0 - 7
Multiply-accumulate number of steps.
mac_buffer
8 - 10
Multiply-accumulate data buffer size code.
mac_scale
11 - 12
Multiply-accumulate scaling code.
mac_mode
13
Multiply-accumulate accumulator format code.
global_interrupt_disable
14
Disable external interrupts until explicitly enabled.
local_interrupt_disable
15
Disable external interrupts until process descheduled.
overflo w
16
An arithmetic operation gave a positive overflow.
underflo w
17
An arithmetic operation gave a negative overflow.
carry
18
An arithmetic operation produced a carry.
user_mode
19
A user process is executing.
interrupt_mode
20
An interrupt handler is executing.
trap_mode
21
A trap handler is executing.
sleep
22
The processor is due to go to sleep.
reserved
23
Reserved.
start_next_task
24
The CPU must start executing a new process.
timeslice_enable
25
Timeslicing is enabled.
timeslice_count
26 - 31
Timeslice clock.
Table A.1 Status register bits (see section 3.3.2)
Exception level
Name
Description
0 - 255
User exception
User exception levels.
-1
el_breakpoint_trap
Breakpoint trap.
-2
el_illegal_instr_trap
Illegal op-code trap.
-3
el_idle_trap
CPU idle trap.
-4
el_schedule_exception_trap
Schedule user process as exception trap.
-5
el_run_trap
Run process trap.
-6
el_stop_trap
Stop process trap.
-7
el_timeslice_trap
Timeslice trap.
Table A.2 Exception levels (see Chapter 6)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com