Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST20-C1 Datasheet(PDF) 171 Page - STMicroelectronics

Part # ST20-C1
Description  Instruction Set Reference Manual
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST20-C1 Datasheet(HTML) 171 Page - STMicroelectronics

Back Button ST20-C1 Datasheet HTML 167Page - STMicroelectronics ST20-C1 Datasheet HTML 168Page - STMicroelectronics ST20-C1 Datasheet HTML 169Page - STMicroelectronics ST20-C1 Datasheet HTML 170Page - STMicroelectronics ST20-C1 Datasheet HTML 171Page - STMicroelectronics ST20-C1 Datasheet HTML 172Page - STMicroelectronics ST20-C1 Datasheet HTML 173Page - STMicroelectronics ST20-C1 Datasheet HTML 174Page - STMicroelectronics ST20-C1 Datasheet HTML 175Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 171 / 205 page
background image
171/205
®
A.3
Data structures
This section defines the data structures used by the ST20-C1 core.
Name
Word offset
Purpose
ex.HandlerIptr
7
Exception handler instruction pointer.
ex.InterptdStatus
6
Interrupted process status register.
ex.InterptdTdesc
5
Interrupted process task descriptor.
ex.InterptdIptr
4
Interrupted process instruction pointer.
ex.InterptdWptr
3
Interrupted process stack pointer.
ex.InterptdCreg
2
Interrupted process Creg.
ex.InterptdBreg
1
Interrupted process Breg.
ex.InterptdAreg
0
Interrupted process Areg.
Table A.3 Exception handler (see Chapter 6)
Name
Word offset
Purpose
pw.Iptr
2
The instruction pointer.
pw.Wptr
1
The instruction pointer.
pw.Link
0
The link to the next process in the list.
Table A.4 Process descriptor block (see section 3.3.4)
Name
Word offset
Purpose
q.BPtrLoc
1
The last process in the waiting process list.
q.FPtrLoc
0
The first process in the w aiting process list.
Table A.5 Waiting process list data structure (see section 7.1)
Name
Word offset
Purpose
s.Back
2
The last process in the semaphore waiting list.
s.Front
1
The first process in the semaphore w aiting list.
s.Count
0
The unsigned number of extraprocesses that the semaphore will allow
to continue running on a
wait request.
Table A.6 Semaphore data structure (see section 7.9)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com