Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST20-C1 Datasheet(PDF) 175 Page - STMicroelectronics

Part # ST20-C1
Description  Instruction Set Reference Manual
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST20-C1 Datasheet(HTML) 175 Page - STMicroelectronics

Back Button ST20-C1 Datasheet HTML 171Page - STMicroelectronics ST20-C1 Datasheet HTML 172Page - STMicroelectronics ST20-C1 Datasheet HTML 173Page - STMicroelectronics ST20-C1 Datasheet HTML 174Page - STMicroelectronics ST20-C1 Datasheet HTML 175Page - STMicroelectronics ST20-C1 Datasheet HTML 176Page - STMicroelectronics ST20-C1 Datasheet HTML 177Page - STMicroelectronics ST20-C1 Datasheet HTML 178Page - STMicroelectronics ST20-C1 Datasheet HTML 179Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 175 / 205 page
background image
175/205
®
10
21 F0
addc
add with carry
11
21 F1
subc
subtract with carry
12
21 F2
mac
multiply accumulate
13
21 F3
umac
unsigned multiply accumulate
14
21 F4
smul
short multiply
15
21 F5
smacinit
initialize short multiply accumulate loop
16
21 F6
smacloop
short multiply accumulate loop
17
21 F7
biquad
biquad IIR filter step
18
21 F8
divstep
divide step
19
21 F9
unsign
unsign argument
1A
21 FA
saturate
saturate
1B
21 FB
gt
greater than
1C
21 FC
gtu
greater than unsigned
1D
21 FD
order
order
1E
21 FE
orderu
unsigned order
1F
21 FF
ashr
arithmetic shift right
20
22 F0
xor
exclusive or
21
22 F1
xbword
sign extend byte to word
22
22 F2
xsword
sign extend sixteen to word
23
22 F3
bitld
load bit
24
22 F4
bitst
store bit
25
22 F5
bitmask
create bit mask
26
22 F6
statusset
set bits in status register
27
22 F7
statusclr
clear bits in status register
28
22 F8
statustst
test status register
29
22 F9
rmw
read modify write
2A
22 FA
lbinc
load byte and increment
2B
22 FB
sbinc
store byte and increment
2C
22 FC
lsinc
load sixteen and increment
2D
22 FD
lsxinc
load sixteen sign extended and increment
2E
22 FE
ssinc
store sixteen and increment
2F
22 FF
lwinc
load word and increment
30
23 F0
swinc
store word and increment
31
23 F1
ecall
exception call
32
23 F2
eret
exception return
33
23 F3
run
run process
34
23 F4
stop
stop process
35
23 F5
signal
signal
36
23 F6
wait
wait
37
23 F7
enqueue
enqueue a process
38
23 F8
dequeue
dequeue a process
39
23 F9
ldtdesc
load task descriptor
3A
23 FA
ldpi
load pointer to instruction
3B
23 FB
gajw
general adjust workspace
3C
23 FC
ldprodid
load product identity
3D
23 FD
io
input/output
3E
23 FE
swap32
byte swap 32
3F
23 FF
nop
no operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com