Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST20-C1 Datasheet(PDF) 176 Page - STMicroelectronics

Part # ST20-C1
Description  Instruction Set Reference Manual
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST20-C1 Datasheet(HTML) 176 Page - STMicroelectronics

Back Button ST20-C1 Datasheet HTML 172Page - STMicroelectronics ST20-C1 Datasheet HTML 173Page - STMicroelectronics ST20-C1 Datasheet HTML 174Page - STMicroelectronics ST20-C1 Datasheet HTML 175Page - STMicroelectronics ST20-C1 Datasheet HTML 176Page - STMicroelectronics ST20-C1 Datasheet HTML 177Page - STMicroelectronics ST20-C1 Datasheet HTML 178Page - STMicroelectronics ST20-C1 Datasheet HTML 179Page - STMicroelectronics ST20-C1 Datasheet HTML 180Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 176 / 205 page
background image
176/205
®
B.2
Alphabetical order
Mnemonic
Code
Memory
Name
adc n
primary 8
8
n
add constant
add
secondar y 04
F4
add
addc
secondar y 10
21 F0
add with carry
ajw n
primary B
B
n
adjust work space
and
secondar y 09
F9
and
arot
secondar y 03
F3
anti-rotate stack
ashr
secondar y 1F
21 FF
arithmetic shift right
biquad
secondar y 17
21 F7
biquad IIR filter step
bitld
secondar y 23
22 F3
load bit
bitmask
secondar y 25
22 F5
create bit mask
bitst
secondar y 24
22 F4
store bit
breakpoint
secondar y 0F
FF
breakpoint
cj n
primary A
A
n
conditional jump
dequeue
secondar y 38
23 F8
dequeue a process
divstep
secondar y 18
21 F8
divide step
dup
secondar y 01
F1
duplicate
ecall
secondar y 31
23 F1
exception call
enqueue
secondar y 37
23 F7
enqueue a process
eqc n
primary C
C
n
equals constant
eret
secondar y 32
23 F2
exception return
fcall n
primary 9
9
n
function call
gajw
secondar y 3B
23 FB
general adjust workspace
gt
secondar y 1B
21 FB
greater than
gtu
secondar y 1C
21 FC
greater than unsigned
io
secondar y 3D
23 FD
input/output
jn
primary 0
0
n
jump
jab
secondar y 0D
FD
jump absolute
lbinc
secondar y 2A
22 FA
load byte and increment
ldc n
primary 4
4
n
load constant
ldl n
primary 7
7
n
load local
ldlp n
primary 1
1
n
load local pointer
ldnl n
primary 3
3
n
load non-local
ldnlp n
primary 5
5
n
load non-local pointer
ldpi
secondar y 3A
23 FA
load pointer to instruction
ldprodid
secondar y 3C
23 FC
load product identity
ldtdesc
secondar y 39
23 F9
load task descriptor
lsinc
secondar y 2C
22 FC
load sixteen and increment
lsxinc
secondar y 2D
22 FD
load sixteen sign extended and increment
lwinc
secondar y 2F
22 FF
load word and increment
mac
secondar y 12
21 F2
multiply accumulate
mul
secondar y 06
F6
multiply
nfix n
primary 4
4
n
negative prefix
nop
secondar y 3F
23 FF
no operation
not
secondar y 08
F8
bitwise not
opr n
primary F
F
n
operate
or
secondar y 0A
FA
or
order
secondar y 1D
21 FD
order
orderu
secondar y 1E
21 FE
unsigned order



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com