Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST20-C1 Datasheet(PDF) 174 Page - STMicroelectronics

Part # ST20-C1
Description  Instruction Set Reference Manual
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST20-C1 Datasheet(HTML) 174 Page - STMicroelectronics

Back Button ST20-C1 Datasheet HTML 170Page - STMicroelectronics ST20-C1 Datasheet HTML 171Page - STMicroelectronics ST20-C1 Datasheet HTML 172Page - STMicroelectronics ST20-C1 Datasheet HTML 173Page - STMicroelectronics ST20-C1 Datasheet HTML 174Page - STMicroelectronics ST20-C1 Datasheet HTML 175Page - STMicroelectronics ST20-C1 Datasheet HTML 176Page - STMicroelectronics ST20-C1 Datasheet HTML 177Page - STMicroelectronics ST20-C1 Datasheet HTML 178Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 174 / 205 page
background image
174/205
®
B
Instruction set summary
This appendix gives a full listing of all the instructions and instruction components,
both in function code and alphabetical order. The ‘Memory’ column gives, in hexadec-
imal, the bytes that appear in memory. For primary instructions, this includes a data
value, which is represented by
n.
B.1
Function code order
B.1.1 Primary instructions
Code
Memory
Mnemonic
Name
00
nj n
jump
11
n
ldlp n
load local pointer
22
npfix n
prefix
33
n
ldnl n
load non-local
44
n
ldc n
load constant
55
n
ldnlp n
load non-local pointer
66
nnfix n
negative prefix
77
n
ldl n
load local
88
n
adc n
add constant
99
n
fcall n
function call
AA
ncj n
conditional jump
BB
n
ajw n
adjust work space
CC
n
eqc n
equals constant
DD
n
stl n
store local
EE
n
stnl n
store non-local
FF
n
opr n
operate
B.1.2 Secondary instructions
Code
Memory
Mnemonic
Name
00
F0
rev
reverse
01
F1
dup
duplicate
02
F2
rot
rotate stack
03
F3
arot
anti-rotate stack
04
F4
add
add
05
F5
sub
subtract
06
F6
mul
multiply
07
F7
wsub
word subscript
08
F8
not
bitwise not
09
F9
and
and
0A
FA
or
or
0B
FB
shl
shift left
0C
FC
shr
shift right
0D
FD
jab
jump absolute
0E
FE
timeslice
timeslice
0F
FF
breakpoint
breakpoint



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com