Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST20-C1 Datasheet(PDF) 177 Page - STMicroelectronics

Part # ST20-C1
Description  Instruction Set Reference Manual
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST20-C1 Datasheet(HTML) 177 Page - STMicroelectronics

Back Button ST20-C1 Datasheet HTML 173Page - STMicroelectronics ST20-C1 Datasheet HTML 174Page - STMicroelectronics ST20-C1 Datasheet HTML 175Page - STMicroelectronics ST20-C1 Datasheet HTML 176Page - STMicroelectronics ST20-C1 Datasheet HTML 177Page - STMicroelectronics ST20-C1 Datasheet HTML 178Page - STMicroelectronics ST20-C1 Datasheet HTML 179Page - STMicroelectronics ST20-C1 Datasheet HTML 180Page - STMicroelectronics ST20-C1 Datasheet HTML 181Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 177 / 205 page
background image
177/205
®
pfix n
primary 2
2
n
prefix
rev
secondary 00
F0
reverse
rmw
secondary 29
22 F9
read modify write
rot
secondary 02
F2
rotate stack
run
secondary 33
23 F3
run process
saturate
secondary 1A
21 FA
saturate
sbinc
secondary 2B
22 FB
store byte and increment
shl
secondary 0B
FB
shift left
shr
secondary 0C
FC
shift right
signal
secondary 35
23 F5
signal
smacinit
secondary 15
21 F5
initialize short multiply accumulate loop
smacloop
secondary 16
21 F6
shor t multiply accumulate loop
smul
secondary 14
21 F4
shor t multiply
ssinc
secondary 2E
22 FE
store sixteen and increment
statusclr
secondary 27
22 F7
clear bits in status register
statusset
secondary 26
22 F6
set bits in status register
statustst
secondary 28
22 F8
test status register
stl n
primary D
D
n
store local
stnl n
primary E
E
n
store non-local
stop
secondary 34
23 F4
stop process
sub
secondary 05
F5
subtract
subc
secondary 11
21 F1
subtract with carry
swap32
secondary 3E
23 FE
byte swap 32
swinc
secondary 30
23 F0
store word and increment
timeslice
secondary 0E
FE
timeslice
umac
secondary 13
21 F3
unsigned multiply accumulate
unsign
secondary 19
21 F9
unsign argument
wait
secondary 36
23 F6
wait
wsub
secondary 07
F7
word subscript
xbword
secondary 21
22 F1
sign extend byte to word
xor
secondary 20
22 F0
exclusive or
xsword
secondary 22
22 F2
sign extend sixteen to word



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com