Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST20-C1 Datasheet(PDF) 172 Page - STMicroelectronics

Part # ST20-C1
Description  Instruction Set Reference Manual
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST20-C1 Datasheet(HTML) 172 Page - STMicroelectronics

Back Button ST20-C1 Datasheet HTML 168Page - STMicroelectronics ST20-C1 Datasheet HTML 169Page - STMicroelectronics ST20-C1 Datasheet HTML 170Page - STMicroelectronics ST20-C1 Datasheet HTML 171Page - STMicroelectronics ST20-C1 Datasheet HTML 172Page - STMicroelectronics ST20-C1 Datasheet HTML 173Page - STMicroelectronics ST20-C1 Datasheet HTML 174Page - STMicroelectronics ST20-C1 Datasheet HTML 175Page - STMicroelectronics ST20-C1 Datasheet HTML 176Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 172 / 205 page
background image
172/205
®
A.4
Miscellaneous constants
This section lists the constants which are used in this manual.
Name
Value
Meaning
BitsPerWord
32
The number of bits in a word.
BytesPerWord
4
The number of bytes in a word.
ExceptionBase
#80000040
The base of the exception descriptor area.
ExceptionProc-
essType
#1
Bit 0 of exception vector table entry for an exception.
false
0
The boolean value ‘false’.
HighestException
255
Highest permitted exception level.
LongMode
1
smacloop Q15 data format.
LowestException
-7
Lowest permitted exception level.
MaxTimesliceCount
63
Maximum value of timeslice count.
MostNeg
#80000000
The most negative integer value.
MostPos
#7FFFFFFF
The most positive signed integer value.
NotProcess
MostNeg
#80000000
Used, wherever a process descriptor is expected, to indi-
cate that there is no process.
ProductId
Depends on
processor type.
A value used to identify the type and revision of processor,
returned by the
ldprodid instruction.
SavedTaskDescriptor
#800000008
Address where user process exception is saved when a
schedule exception trap occurs.
SchedulerQptr
MostNeg
#80000000
The address of the process list data structure for the
scheduler list.
ShortMode
0
smacloop Q31 data format.
true
1
The boolean value ‘true’.
UserProcessType
#0
Bit 0 of exception vector table entry for a user process.
Table A.7 Constants



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com