Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST3222E Datasheet(PDF) 7 Page - STMicroelectronics

Part # ST3222E
Description  ±15KV ESD-PROTECTED, 3 TO 5.5V, LOW POWER, UP TO 250KBPS, RS-232 DRIVERS AND RECEIVERS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST3222E Datasheet(HTML) 7 Page - STMicroelectronics

Back Button ST3222E Datasheet HTML 2Page - STMicroelectronics ST3222E Datasheet HTML 3Page - STMicroelectronics ST3222E Datasheet HTML 4Page - STMicroelectronics ST3222E Datasheet HTML 5Page - STMicroelectronics ST3222E Datasheet HTML 6Page - STMicroelectronics ST3222E Datasheet HTML 7Page - STMicroelectronics ST3222E Datasheet HTML 8Page - STMicroelectronics ST3222E Datasheet HTML 9Page - STMicroelectronics ST3222E Datasheet HTML 10Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
ST3222E
7/10
DIM.
mm.
inch
MIN.
TYP
MAX.
MIN.
TYP.
MAX.
A
2.35
2.65
0.092
0.104
A1
0.1
0.3
0.004
0.012
A2
2.55
0.100
B
0.33
0.51
0.013
0.020
C
0.23
0.32
0.009
0.012
D
11.35
11.75
0.447
0.462
E
7.4
7.6
0.291
0.299
e
1.27
0.050
H
10.00
10.65
0.393
0.419
h
0.25
0.75
0.010
0.029
k8
˚ (max.)
L
0.4
1.27
0.016
0.050
SO-18 MECHANICAL DATA
0070768
Be
19
10
18
D
L
H
A1
C
K
h x 45û
SO18
Seating Plane
0.10mm
.004



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com