Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST3222E Datasheet(PDF) 1 Page - STMicroelectronics

Part # ST3222E
Description  ±15KV ESD-PROTECTED, 3 TO 5.5V, LOW POWER, UP TO 250KBPS, RS-232 DRIVERS AND RECEIVERS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST3222E Datasheet(HTML) 1 Page - STMicroelectronics

  ST3222E Datasheet HTML 1Page - STMicroelectronics ST3222E Datasheet HTML 2Page - STMicroelectronics ST3222E Datasheet HTML 3Page - STMicroelectronics ST3222E Datasheet HTML 4Page - STMicroelectronics ST3222E Datasheet HTML 5Page - STMicroelectronics ST3222E Datasheet HTML 6Page - STMicroelectronics ST3222E Datasheet HTML 7Page - STMicroelectronics ST3222E Datasheet HTML 8Page - STMicroelectronics ST3222E Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1/10
March 2003
s
ESD PROTECTIO FOR RS-232 I/O PINS
±15KV HUMAN BODY MODEL
±8KV IEC 1000-4-2 CONTACT DISCHARGE
s
300
µA SUPPLY CURRENT
s
250Kbps MINIMUM GUARENTEED DATA
RATE
s
6V/
µs MINIMUM GUARANTEED SLEW RATE
s
MEET EIA/TIA-232 SPECIFICATIONS DOWN
TO 3V
s
AVAILABLE IN SO-18, SSOP20 AND
TSSOP20
DESCRIPTION
The ST3222E is a 3V powered EIA/TIA-232 and
V.28/V.24 communications interface with low
power requirements, high data-rate capabilities
and enhanced electrostatic discharge (ESD)
protection to ±8kV using IEC1000-4-2 Contact
Discharge and ±15kV using the Human Body
Model. ST3222E has a proprietary low dropout
transmitter output stage providing true RS-232
performance from 3 to 5V supplies with a dual
charge pump. The charge pump requires only four
small 0.1mF external capacitors for operation form
3V supply.
The device has two receivers and two drivers. The
ST3222E features a 1
µA shutdown mode that
reduces power consumption and extends battery
life in portable systems. Its receivers can remain
active in shutdown mode, allowing external
devices such as modems to be monitored using
only 1
µA supply current.
The device is guaranteed to run at data rates of
250Kbps while maintaining RS-232 output levels.
Typical applications are Notebook, Subnotebook
and
Palmtop
Computers,
Battery
Powered
Equipment, Hand-Held Equipment, Peripherals
and Printers.
ORDERING CODES
Type
Temperature
Range
Package
Comments
ST3222ECD
0 to 70 °C
SO-18 (Tube)
50parts per tube / 20tube per box
ST3222EBD
-40 to 85 °C
SO-18 (Tube)
50parts per tube / 20tube per box
ST3222ECDR
0 to 70 °C
SO-18 (Tape & Reel)
1000 parts per reel
ST3222EBDR
-40 to 85 °C
SO-18 (Tape & Reel)
1000 parts per reel
ST3222ECPR
0 to 70 °C
SSOP20 (Tape & Reel)
1350 parts per reel
ST3222EBPR
-40 to 85 °C
SSOP20 (Tape & Reel)
1350 parts per reel
ST3222ECTR
0 to 70 °C
TSSOP20 (Tape & Reel)
2500 parts per reel
ST3222EBTR
-40 to 85 °C
TSSOP20 (Tape & Reel)
2500 parts per reel
ST3222E
±15KV ESD-PROTECTED, 3 TO 5.5V, LOW POWER,
UP TO 250KBPS, RS-232 DRIVERS AND RECEIVERS
SOP
SSOP
TSSOP


Similar Part No. - ST3222E

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST3222EB STMICROELECTRONICS-ST3222EB Datasheet
679Kb / 15P
/-15 kV ESD protected, 3 to 5.5 V low power, up to 250 Kbps, RS-232 drivers and receivers
21-Jan-2008
ST3222EBPR STMICROELECTRONICS-ST3222EBPR Datasheet
520Kb / 18P
짹 15KV ESD-protected, 3 to 5.5V Low power, up to 250KBps, RS-232 drivers and receivers
22-Mar-2006
ST3222EBPR STMICROELECTRONICS-ST3222EBPR Datasheet
679Kb / 15P
/-15 kV ESD protected, 3 to 5.5 V low power, up to 250 Kbps, RS-232 drivers and receivers
21-Jan-2008
ST3222EBTR STMICROELECTRONICS-ST3222EBTR Datasheet
520Kb / 18P
짹 15KV ESD-protected, 3 to 5.5V Low power, up to 250KBps, RS-232 drivers and receivers
22-Mar-2006
ST3222EBTR STMICROELECTRONICS-ST3222EBTR Datasheet
679Kb / 15P
/-15 kV ESD protected, 3 to 5.5 V low power, up to 250 Kbps, RS-232 drivers and receivers
21-Jan-2008
More results

Similar Description - ST3222E

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST3232E STMICROELECTRONICS-ST3232E Datasheet
426Kb / 16P
±15KV ESD-PROTECTED, 3 TO 5.5V, LOW POWER, UP TO 250KBPS, RS-232 DRIVERS AND RECEIVERS
April 2003
logo
Intersil Corporation
ISL83220E INTERSIL-ISL83220E Datasheet
267Kb / 11P
/-15kV ESD Protected, 3V to 5.5V, 1Microamp, 250kbps, RS-232 Transmitters/Receivers
September 2001
ISL83385E INTERSIL-ISL83385E Datasheet
94Kb / 11P
15kV ESD Protected, 3V to 5.5V, /-1 Microamp, 250kbps, RS-232 Transmitters/Receivers
January 2001
ICL3207E INTERSIL-ICL3207E Datasheet
329Kb / 12P
/- 15kV ESD Protected, 3V to 5.5V, Low Power, 250kbps, RS-232 Transmitters/Receivers
June 2004
logo
STMicroelectronics
ST3222E STMICROELECTRONICS-ST3222E_06 Datasheet
520Kb / 18P
짹 15KV ESD-protected, 3 to 5.5V Low power, up to 250KBps, RS-232 drivers and receivers
22-Mar-2006
ST3232E STMICROELECTRONICS-ST3232E_06 Datasheet
382Kb / 20P
±15kV ESD-Protection, 3 to 5.5V, low power, up to 250KBPS, RS-232 drivers and receivers
06-Sep-2006
logo
Intersil Corporation
ICL3243ECAZ-T INTERSIL-ICL3243ECAZ-T Datasheet
699Kb / 33P
±15kV ESD Protected, 3V to 5.5V, 1µA, 250kbps, RS-232 Transmitters/Receivers
February 22, 2010
ISL83220ECV INTERSIL-ISL83220ECV Datasheet
198Kb / 10P
±15kV ESD Protected, 3V to 5.5V, 1Microamp, 250kbps, RS-232 Transmitters/Receivers
April 27, 2006
RS-232 INTERSIL-RS-232 Datasheet
750Kb / 33P
±15kV ESD Protected, 3V to 5.5V, 1µA, 250kbps, RS-232 Transmitters/Receivers
December 9, 2015
logo
Renesas Technology Corp
ICL3207E RENESAS-ICL3207E Datasheet
657Kb / 13P
/- 15kV ESD Protected, 3V to 5.5V, Low Power, 250kbps, RS-232 Transmitters/Receivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com