Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST3222E Datasheet(PDF) 4 Page - STMicroelectronics

Part # ST3222E
Description  ±15KV ESD-PROTECTED, 3 TO 5.5V, LOW POWER, UP TO 250KBPS, RS-232 DRIVERS AND RECEIVERS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST3222E Datasheet(HTML) 4 Page - STMicroelectronics

  ST3222E Datasheet HTML 1Page - STMicroelectronics ST3222E Datasheet HTML 2Page - STMicroelectronics ST3222E Datasheet HTML 3Page - STMicroelectronics ST3222E Datasheet HTML 4Page - STMicroelectronics ST3222E Datasheet HTML 5Page - STMicroelectronics ST3222E Datasheet HTML 6Page - STMicroelectronics ST3222E Datasheet HTML 7Page - STMicroelectronics ST3222E Datasheet HTML 8Page - STMicroelectronics ST3222E Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
ST3222E
4/10
TRANSMITTER ELECTRICAL CHARACTERISTICS
(C1 -C4 =0.1µFVCC =3V to5.5V, TA = -40 to 85°C, unless otherwise specified.
Typical values are referred to TA =25°C)
RECEIVER ELECTRICAL CHARACTERISTICS
(C1 -C4 =0.1µFVCC =3V to5.5V, TA = -40 to 85°C, unless otherwise specified.
Typical values are referred to TA =25°C)
TIMING CHARACTERISTICS
(C1 -C4 =0.1µF, VCC =3V to5.5V, TA = -40 to 85°C, unless otherwise specified.
Typical values are referred to TA =25°C)
(Note 1) Transmitter Skew is measured at the transmitter zero cross points
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VTOUT Output Voltage Swing
All Transmitter outputs are loaded with
3K
Ω to GND
± 5
± 5.4
V
RTOUT Transmitter Output
Resistance
VCC =V+= V- =0V
VOUT = ± 2V
300
10M
ITSC
Output Short Circuit Current
± 60
mA
ITOL
Output Leakage Current
VCC = 0V or 3V to 3.6V VOUT = ± 12V
Transmitters Disable
± 25
µA
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
IOL
Output Leakage Current
R-OUT, EN =VCC, Receiver Disabled
± 0.05
± 10
µA
VRIN
Receiver Input Voltage
Operating Range
-25
25
V
VRIL
Input Threshold Low
TA = 25°C
VCC = 3.3V
0.6
1.2
V
TA = 25°C
VCC = 5V
0.8
1.5
VRIH
Input Threshold High
TA = 25°C
VCC = 3.3V
1.5
2.4
V
TA = 25°C
VCC = 5V
1.8
2.4
VRIHYS Input Hysteresis
0.5
V
RRIN
Input Resistance
TA = 25°C
3
5
7
K
VROL
Output Voltage Low
IOUT = 1.6mA
0.4
V
VROH
Output Voltage High
IOUT = -1mA
VCC-0.6 VCC-0.1
V
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
DR
Data Transfer Rate
RL =3KΩ
CL2= 1000pF
one trasmitter switching
250
Kbps
tPHLR
tPLHR
Propagation Delay Input to
Output
RXIN to RXOUT
CL = 150pF
0.15
µs
|tPHLT
-tTHL|
Transmitter Propagation
Delay Difference
(Note 1)
200
ns
tOER
Receiver Output Enable
Time
Normal Operation
50
ns
tODR
Receiver Output Disable
Time
Normal Operation
50
ns
|tPHLR
-tTHR|
Receiver Propagation Delay
Difference
50
ns
SRT
Trnasition Slew Rate
TA = 25°C RL =3KΩ to 7KΩ VCC = 3.3V
measured from +3V to -3V or -3V to +3V
CL = 150pF to 1000pF
CL = 150pF to 2500pF
6
4
30
30
V/
µs
V/
µs



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com