Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST3222E Datasheet(PDF) 2 Page - STMicroelectronics

Part # ST3222E
Description  ±15KV ESD-PROTECTED, 3 TO 5.5V, LOW POWER, UP TO 250KBPS, RS-232 DRIVERS AND RECEIVERS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST3222E Datasheet(HTML) 2 Page - STMicroelectronics

  ST3222E Datasheet HTML 1Page - STMicroelectronics ST3222E Datasheet HTML 2Page - STMicroelectronics ST3222E Datasheet HTML 3Page - STMicroelectronics ST3222E Datasheet HTML 4Page - STMicroelectronics ST3222E Datasheet HTML 5Page - STMicroelectronics ST3222E Datasheet HTML 6Page - STMicroelectronics ST3222E Datasheet HTML 7Page - STMicroelectronics ST3222E Datasheet HTML 8Page - STMicroelectronics ST3222E Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
ST3222E
2/10
PIN CONFIGURATION
PIN DESCRIPTION
PlN N°
(SO-18)
PlN N°
(SSOP20 TSSP20)
SYMBOL
NAME AND FUNCTION
11
EN
Receiver Enable Control. Drive low for normal
operation. Drive high to force the receivers outputs
(R_OUT) into a high-impedance state.
22
C1+
Positive Terminal for the first Charge Pump
Capacitor
3
3
V+
5.5V Generated By The Charge Pump.
44
C1-
Negative Terminal for the first Charge Pump
Capacitor
55
C2+
Positive Terminal for the second Charge Pump
Capacitor
66
C2-
Negative Terminal for the second Charge Pump
Capacitor
7
7
V-
-5.5V Generated By The Charge Pump.
88
T2OUT
Second Transmitter Output Voltage
99
R2IN
Second Receiver Input Voltage
10
10
R2OUT
Second Receiver Output Voltage
11
NC
Not Connected
11
12
T2IN
Second Transmitter Input Voltage
12
13
T1IN
First Transmitter Input Voltage
14
NC
Not Connected
13
15
R1OUT
First Receiver Output Voltage
14
16
R1IN
First Receiver Input Voltage
15
17
T1OUT
First Transmitter Output Voltage
16
18
GND
Ground
17
19
VCC
Supply Voltage
18
20
SHDN
Active Low Shutdown Control Input. Drive Low To
Shut-down Transmittes And Charge Pump
SO-18
SSOP20/TSSOP20



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com