Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CAT3604V Datasheet(PDF) 5 Page - Catalyst Semiconductor

Part # CAT3604V
Description  4-Channel Quad-Mode??LED Driver with Open/Short LED Detection
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT3604V Datasheet(HTML) 5 Page - Catalyst Semiconductor

  CAT3604V Datasheet HTML 1Page - Catalyst Semiconductor CAT3604V Datasheet HTML 2Page - Catalyst Semiconductor CAT3604V Datasheet HTML 3Page - Catalyst Semiconductor CAT3604V Datasheet HTML 4Page - Catalyst Semiconductor CAT3604V Datasheet HTML 5Page - Catalyst Semiconductor CAT3604V Datasheet HTML 6Page - Catalyst Semiconductor CAT3604V Datasheet HTML 7Page - Catalyst Semiconductor CAT3604V Datasheet HTML 8Page - Catalyst Semiconductor CAT3604V Datasheet HTML 9Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
CAT3604V
© Catalyst Semiconductor, Inc.
5
Doc. No. MD-5029, Rev. B
Characteristics subject to change without notice
TYPICAL PERFORMANCE CHARACTERISTICS
VIN = 3.6V, IOUT = 80mA (4 LEDs at 20mA), CIN = COUT = C1 = C2 = 1μF, TAMB = 25°C unless otherwise specified.
Switching Frequency vs. Temperature
0.7
0.8
0.9
1.0
1.1
1.2
1.3
-40
0
40
80
120
TEMPERATURE [°C]
1.5x Mode
1.33x, 2x Mode
Output Resistance vs. Input Voltage
0
2
4
6
8
10
12
2.0 2.5 3.0 3.5 4.0 4.5 5.0 5.5
INPUT VOLTAGE [V]
1x
1.33x
1.5x
2x
Foldback Current Limit
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
0
100
200
300
400
OUTPUT CURRENT [mA]
1x Mode
LED Current vs. LED Pin Voltage
0
10
20
30
40
0
50
100 150 200 250 300
LED PIN VOLTAGE [mV]
LED Current vs. RSET Resistance
1
10
100
110
100
RSET RESISTANCE [kΩ]
Line Transient Response (3.6V to 4.9V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com