Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CAT3604V Datasheet(PDF) 14 Page - Catalyst Semiconductor

Part # CAT3604V
Description  4-Channel Quad-Mode??LED Driver with Open/Short LED Detection
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT3604V Datasheet(HTML) 14 Page - Catalyst Semiconductor

Back Button CAT3604V Datasheet HTML 7Page - Catalyst Semiconductor CAT3604V Datasheet HTML 8Page - Catalyst Semiconductor CAT3604V Datasheet HTML 9Page - Catalyst Semiconductor CAT3604V Datasheet HTML 10Page - Catalyst Semiconductor CAT3604V Datasheet HTML 11Page - Catalyst Semiconductor CAT3604V Datasheet HTML 12Page - Catalyst Semiconductor CAT3604V Datasheet HTML 13Page - Catalyst Semiconductor CAT3604V Datasheet HTML 14Page - Catalyst Semiconductor CAT3604V Datasheet HTML 15Page - Catalyst Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 14 / 15 page
background image
CAT3604V
Doc. No. MD-5029, Rev. B
14
© Catalyst Semiconductor, Inc.
Characteristics subject to change without notice
EXAMPLE OF ORDERING INFORMATION
(1)
Notes:
(1) All packages are RoHS-compliant (Lead-free, Halogen-free).
(2) The standard lead finish is NiPdAu.
(3) The device used in the above example is a CAT3604VHV4-GT2 (TQFN, Tape & Reel, 2,000/Reel).
(4) For additional package and temperature options, please contact your nearest Catalyst Semiconductor Sales office.
Suffix
Device #
Prefix
CAT
3604V
HV4
–
G
T2
Tape & Reel
T: Tape & Reel
2: 2,000/Reel
Product Number
Optional
Company ID
Package
HV4: TQFN
Lead Finish
Blank: Matte-Tin
G: NiPdAu
For Product Top Mark Codes, click here:
http://www.catsemi.com/techsupport/producttopmark.asp



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com