Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CAT3604V Datasheet(PDF) 9 Page - Catalyst Semiconductor

Part # CAT3604V
Description  4-Channel Quad-Mode??LED Driver with Open/Short LED Detection
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT3604V Datasheet(HTML) 9 Page - Catalyst Semiconductor

Back Button CAT3604V Datasheet HTML 5Page - Catalyst Semiconductor CAT3604V Datasheet HTML 6Page - Catalyst Semiconductor CAT3604V Datasheet HTML 7Page - Catalyst Semiconductor CAT3604V Datasheet HTML 8Page - Catalyst Semiconductor CAT3604V Datasheet HTML 9Page - Catalyst Semiconductor CAT3604V Datasheet HTML 10Page - Catalyst Semiconductor CAT3604V Datasheet HTML 11Page - Catalyst Semiconductor CAT3604V Datasheet HTML 12Page - Catalyst Semiconductor CAT3604V Datasheet HTML 13Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
CAT3604V
© Catalyst Semiconductor, Inc.
9
Doc. No. MD-5029 Rev. B
Characteristics subject to change without notice
SET
R
V
6
.
0
132
×
BLOCK DIAGRAM
Figure 2. CAT3604V Functional Block Diagram
BASIC OPERATION
At power-up, the CAT3604V starts operating in 1x
mode where the output will be approximately equal to
the input supply voltage (less any internal voltage
losses). If the output voltage is sufficient to regulate all
LED currents, the device remains in 1x operating mode.
If the input voltage is insufficient or falls to a level
where the regulated currents cannot be maintained,
the device automatically switches into 1.33x mode
(after a fixed delay time of about 400μs). In 1.33x
mode, the output voltage is approximately equal to
1.33 times the input supply voltage (less any internal
voltage losses).
This sequence repeats in the 1.33x and 1.5x mode
until the driver enters the 2x mode. In 1.5x mode, the
output voltage is approximately equal to 1.5 times
the input supply voltage. While in 2x mode, the
output is approximately equal to 2 times the input
supply voltage.
If the device detects a sufficient input voltage is
present to drive all LED currents in 1x mode, it will
change automatically back to 1x mode. This only
applies for changing back to the 1x mode. The
difference between the input voltage when exiting 1x
mode and returning to 1x mode is called the 1x mode
transition hysteresis (VHYS) and is about 500mV
LED Current Selection
The LED current is set to by the external resistor RSET
as follows:
LED current =
The EN pin enables and disables the device. The LED
driver enters a “zero current” shutdown mode if EN is
held low for 1.5ms or more.
As soon as the EN input goes low, all LED channels
are instantly disabled, where the LED current is set to
zero. As long as the CAT3604V is not in shutdown
mode, the LEDs turn on as soon as the EN goes high.
Mode Control
1, 1.3MHz
Oscillator
Current
Setting
Reference
Voltage
1x mode (LDO)
1.33x, 1.5x, 2x Charge Pump
VIN
VIN
C1-
C2-
C1+
C2+
VOUT
EN
RSET
GND
LED1
LED2
LED3
LED4
LED Channel
Current Regulators



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com