Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CAT3604V Datasheet(PDF) 8 Page - Catalyst Semiconductor

Part # CAT3604V
Description  4-Channel Quad-Mode??LED Driver with Open/Short LED Detection
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT3604V Datasheet(HTML) 8 Page - Catalyst Semiconductor

Back Button CAT3604V Datasheet HTML 4Page - Catalyst Semiconductor CAT3604V Datasheet HTML 5Page - Catalyst Semiconductor CAT3604V Datasheet HTML 6Page - Catalyst Semiconductor CAT3604V Datasheet HTML 7Page - Catalyst Semiconductor CAT3604V Datasheet HTML 8Page - Catalyst Semiconductor CAT3604V Datasheet HTML 9Page - Catalyst Semiconductor CAT3604V Datasheet HTML 10Page - Catalyst Semiconductor CAT3604V Datasheet HTML 11Page - Catalyst Semiconductor CAT3604V Datasheet HTML 12Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
CAT3604V
Doc. No. MD-5029, Rev. B
8
© Catalyst Semiconductor, Inc.
Characteristics subject to change without notice
PIN DESCRIPTION
Pin #
Name
Function
1
EN
Device enable (active high).
2
NC
Not connected inside the package.
3
NC
Not connected inside the package.
4
NC
Not connected inside the package.
5
RSET
Connect resistor RSET to set the LED current.
6
VOUT
Charge pump output connected to the LED anodes.
7
VIN
Charge pump input, connect to battery or supply.
8
C1+
Bucket capacitor 1 Positive terminal
9
C1-
Bucket capacitor 1 Negative terminal
10
C2-
Bucket capacitor 2 Negative terminal
11
C2+
Bucket capacitor 2 Positive terminal
12
GND
Ground Reference
13
LED4
LED4 cathode terminal.
14
LED3
LED3 cathode terminal.
15
LED2
LED2 cathode terminal.
16
LED1
LED1 cathode terminal.
TAB
GND
Connect to GND on the PCB.
PIN FUNCTION
VIN
is the supply pin for the charge pump. A small
1μF ceramic bypass capacitor is required between the
VIN pin and ground near the device. The operating
input voltage range is from 2.5V to 5.5V. Whenever
the input supply falls below the under-voltage
threshold (1.8V), all the LED channels are disabled
and the device enters shutdown mode.
EN
is the enable input and the high resolution PWM
dimming control. Levels of logic high and logic low are
set at 1.3V and 0.4V respectively. When EN is initially
taken high, the device becomes enabled and all LED
currents are set according to the RSET resistor. To
place the device into “zero current” shutdown mode,
the EN pin must be held low for at least 1.5ms.
VOUT
is the charge pump output that is connected to
the LED anodes. A small 1μF ceramic bypass
capacitor is required between the VOUT pin and ground
near the device.
GND
is the ground reference for the charge pump. The
pin must be connected to the ground plane on the PCB.
C1+, C1-
are connected to each side of the ceramic
bucket capacitor C1.
C2+, C2-
are connected to each side of the ceramic
bucket capacitor C2.
LED1 to LED4
provide the internal regulated current
source for each of the LED cathodes. These pins
enter high-impedance zero current state whenever the
device is placed in shutdown mode. If an LED pin is
directly tied to VOUT, that channel is disabled.
TAB
is the exposed pad underneath the package. For
best thermal performance, the tab should be soldered
to the PCB and connected to the ground plane.
RSET
is connected to the resistor (RSET) to set the
current for the LEDs. The voltage at this pin regulated
to 0.6V. The ground side of the external resistor
should be star connected back to the GND of the
PCB. In shutdown mode, RSET beomes high
impedance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com