Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSD413A1 Datasheet(PDF) 16 Page - STMicroelectronics

Part # PSD413A1
Description  Low Cost Field Programmable Microcontroller Peripherals
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD413A1 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button PSD413A1 Datasheet HTML 12Page - STMicroelectronics PSD413A1 Datasheet HTML 13Page - STMicroelectronics PSD413A1 Datasheet HTML 14Page - STMicroelectronics PSD413A1 Datasheet HTML 15Page - STMicroelectronics PSD413A1 Datasheet HTML 16Page - STMicroelectronics PSD413A1 Datasheet HTML 17Page - STMicroelectronics PSD413A1 Datasheet HTML 18Page - STMicroelectronics PSD413A1 Datasheet HTML 19Page - STMicroelectronics PSD413A1 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 123 page
background image
PSD4XX Family
13
9.1.1.2 The GPLD
The structure of the General Purpose PLD consists of a programmable AND ARRAY
and 2 sets of I/O Macrocells. The ARRAY has 37 input signals, same as the DPLD.
From these inputs, “ANDed” functions are generated as product term inputs to the
macrocells. The I/O Macrocell sets are named after the I/O Ports they are linked to,
e.g., the macrocells connected to Port B are named PB Macrocells. The PB macrocells
are registered macrocells with D-type flip-flops, where PA consists of combinatorial
macrocells.
9.1.1.3 TPA Macrocell Structure
Figure 5 shows the PA Macrocell block, which consists of 8 identical combinatorial
macrocells. Each macrocell output can be connected to its own I/O pin on Port A.
There is one user programmable global product term that is output from the GPLD’s
AND ARRAY which is shared by all the macrocells in Port A:
t PA.OE
Enable or tri-state Port A output pins
The circuit of a PA Macrocell is shown in Figure 6. There are 4 product terms from the
GPLD’s AND ARRAY as inputs to the macrocell. Users can select the polarity of the
output, and configure the macrocell to operate as:
t GPLD Input
Use Port A pin as dedicated input
t GPLD Output
Use Port A pin as dedicated output
9.0
The PSD4XX
Architecture
(cont.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com