Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSD413A1 Datasheet(PDF) 53 Page - STMicroelectronics

Part # PSD413A1
Description  Low Cost Field Programmable Microcontroller Peripherals
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD413A1 Datasheet(HTML) 53 Page - STMicroelectronics

Back Button PSD413A1 Datasheet HTML 49Page - STMicroelectronics PSD413A1 Datasheet HTML 50Page - STMicroelectronics PSD413A1 Datasheet HTML 51Page - STMicroelectronics PSD413A1 Datasheet HTML 52Page - STMicroelectronics PSD413A1 Datasheet HTML 53Page - STMicroelectronics PSD413A1 Datasheet HTML 54Page - STMicroelectronics PSD413A1 Datasheet HTML 55Page - STMicroelectronics PSD413A1 Datasheet HTML 56Page - STMicroelectronics PSD413A1 Datasheet HTML 57Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 123 page
background image
PSD4XX Family
50
PSD4XX Family
Port Mode
Port A
Port B
Port C
Port D
Port E
Standard MCU I/O
Yes
Yes
Yes
Yes
Yes
PLD I/O
Yes
Yes
Input Only
* Input Only*
Yes
*
Address Out
Yes
Yes
Yes
Yes
Yes
Address In
Yes
Yes
**
Yes
**
Yes
**
Data Port
Yes
Yes
Alternate Function In
Yes
Peripheral I/O
Yes
Open Drain
Yes
Yes
* PSD4XXA2 and ZPSD4XXA2 Only.
** For external decoding. Cannot be latched by ALE
9.3.7 Peripheral I/O
This mode enables the microcontroller to read or write to a peripheral though Port A. When
there is no read/write operation, Port A is tri-stated. One of the applications of Peripheral
I/O is in a DMA based design.
t Configuration
1. Declare the pins used as pheripheral I/O in the ABEL file.
2. Write logic equations for PSEL0 and PSEL1.
3. Write a “1” to the PIO bit in the VM Register to activate the Peripheral I/O operation.
See the section on Peripheral I/O for a detailed description.
9.3.8 Open Drain Outputs
This mode enables the user to configure Ports C and D pins as open drain outputs. CMOS
output is the default configuration. Writing “1” to the corresponding bit in the Open Drain
Register changes the pin to open drain output.
Table 12. Operating Modes of the I/O Ports
Table 12 summarizes the operating modes of the I/O ports. Not all the functions are
available to every port.
The PSD4XX
Architecture
(cont.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com