Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSD413A1 Datasheet(PDF) 55 Page - STMicroelectronics

Part # PSD413A1
Description  Low Cost Field Programmable Microcontroller Peripherals
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD413A1 Datasheet(HTML) 55 Page - STMicroelectronics

Back Button PSD413A1 Datasheet HTML 51Page - STMicroelectronics PSD413A1 Datasheet HTML 52Page - STMicroelectronics PSD413A1 Datasheet HTML 53Page - STMicroelectronics PSD413A1 Datasheet HTML 54Page - STMicroelectronics PSD413A1 Datasheet HTML 55Page - STMicroelectronics PSD413A1 Datasheet HTML 56Page - STMicroelectronics PSD413A1 Datasheet HTML 57Page - STMicroelectronics PSD413A1 Datasheet HTML 58Page - STMicroelectronics PSD413A1 Datasheet HTML 59Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 123 page
background image
PSD4XX Family
52
9.3.9.1 Control Register
This register is used in both Standard MCU I/O Mode and Address Out modes. For setting
a Standard MCU I/O Mode, a “1” must be written to the corresponding bit in the register.
Writing a “0” to the register is required for the Address Out mode. The register has a default
value of “0” after reset.
9.3.9.2 Direction Register
This register is used to control the direction of data flow in the I/O Ports. Writing a “1” to the
corresponding bit in the register configures the port to be an output port, and a “0” forces
the port to be an input port. The I/O configuration of the port pins can be determined by
reading the Direction Register. After reset, the pins are in input mode.
9.3.9.3 Open Drain
This register determines whether the output pin driver of Ports C or D is a CMOS driver or
an Open Drain driver. Writing a “0” to the register selects a CMOS driver, while a “1” selects
an Open Drain driver.
9.3.9.4 PLD – I/O Register
This is a read only status register. Reading a "1" indicates the corresponding pin is
configured as a PLD pin. A "0" indicates the pin is an I/O pin.
9.3.9.5 Data In Register
This register is used in the Standard MCU I/O Mode configuration to read the input pins.
9.3.9.6 Data Out Register
This register holds the output data in the Standard MCU I/O Mode. The contents of the
register can also be read.
9.3.9.7 Macrocell Out Register
This register enables the user to read the outputs of the GPLD macrocell
(PA, PB, and PE macrocells).
9.3.9.8 I/O Register Address Offset
The I/O Register can be accessed by the microcontroller during normal read/write bus
cycles. The address of a register is defined as:
CSIOP + register address offset
The CSIOP is the base address that is defined in the ABEL file and occupies a 256 byte
space. The register address offset lies within this 256 byte space. Tables 16 and 16a are
the address offset of the registers.
The PSD4XX
Architecture
(cont.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com