Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSD413A1 Datasheet(PDF) 27 Page - STMicroelectronics

Part # PSD413A1
Description  Low Cost Field Programmable Microcontroller Peripherals
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD413A1 Datasheet(HTML) 27 Page - STMicroelectronics

Back Button PSD413A1 Datasheet HTML 23Page - STMicroelectronics PSD413A1 Datasheet HTML 24Page - STMicroelectronics PSD413A1 Datasheet HTML 25Page - STMicroelectronics PSD413A1 Datasheet HTML 26Page - STMicroelectronics PSD413A1 Datasheet HTML 27Page - STMicroelectronics PSD413A1 Datasheet HTML 28Page - STMicroelectronics PSD413A1 Datasheet HTML 29Page - STMicroelectronics PSD413A1 Datasheet HTML 30Page - STMicroelectronics PSD413A1 Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 123 page
background image
Signal Name
From
PA0 – PA7
Port A inputs or Macrocell PA feedback
PB0 – PB7
Port B inputs or Macrocell PB feedback
PE0 – PE7
Port E inputs or Macrocell PE feedback
PC0 – PC7
Port C inputs
PD0 – PD7
Port D inputs
PGR0 – PGR3
Page Mode Register
A8 – A15, A0, A1
MCU Address Lines
RD/E/DS
MCU bus signal
WR/R_W
MCU bus signal
CLKIN
Input Clock
RESET
Reset input
CSI
CSI input (ORed with power down from PMU)
PSD4XX Family
24
Table 4. ZPLD Input Signals
The PSD4XX
Architecture
(cont.)
9.1.2.1 The DPLD
The DPLD is used for internal address decoding generating the following eight chip select
signals:
t ES0 – ES3
EPROM selects, block 0 to block 3
t RS0
SRAM block select
t CSIOP
I/O Decoder chip select
t PSEL0 – PSEL1
Peripheral I/O mode select signals
The I/O Decoder enabled by the CSIOP generates chip selects for on-chip registers or I/O
ports based on address inputs A[7:0].
As shown in Figure 12, the DPLD consists of a large programmable AND ARRAY. There
are a total of 59 inputs and 8 outputs. Each output consists of a single product term.
Although the user can generate select signals from any of the inputs, the select signals are
typically a function of the address and Page Register inputs. The select signals are defined
by the user in the ABEL file (PSDabel).
The address line inputs to the DPLD include A0, A1 and A8 – A15. If more address lines
are needed, the user can bring in the lines through Port A to the DPLD.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com