Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST52X430 Datasheet(PDF) 70 Page - STMicroelectronics

Part # ST52X430
Description  8-BIT INTELLIGENT CONTROLLER UNIT ICU Three Timer/PWMs, ADC, SCI
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST52X430 Datasheet(HTML) 70 Page - STMicroelectronics

Back Button ST52X430 Datasheet HTML 66Page - STMicroelectronics ST52X430 Datasheet HTML 67Page - STMicroelectronics ST52X430 Datasheet HTML 68Page - STMicroelectronics ST52X430 Datasheet HTML 69Page - STMicroelectronics ST52X430 Datasheet HTML 70Page - STMicroelectronics ST52X430 Datasheet HTML 71Page - STMicroelectronics ST52X430 Datasheet HTML 72Page - STMicroelectronics ST52X430 Datasheet HTML 73Page - STMicroelectronics ST52X430 Datasheet HTML 74Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 88 page
background image
ST52T430/E430
70/88
12.3 Recommended Operating Condition
Operating condition: VDD=5V
±10%; TA=0/125°C (unless otherwise specified).
Notes:
1. It is reccomendend to insert a capacitor beetwen VDD and VSS for improving noise rejection. Rec-
comended values are 10
µF (electrolytic or tantalum) and/or 100 nF (ceramic).
2. In order to use SCI correctly maintaining the programmed baud rates, fosc must be set to 5, 10 or 20
Mhz.
3. A lower VDD decreasing fosc (see Figure 12.3). Data illustrated in the figure are characterized but not
tested.
Figure 12.3 fosc Maximum Operating Frequency versus VDD supply
Table 12.4 Recommended Operating Conditions
Symbol
Parameter
Test Condition
Min.
Typ.
Max
Unit
VDD
2)
Operating Supply
Refer to Figure 12.3
3.5
5.5
V
VPP
Programming Voltage
11.4
12
12.6
VO
Output Voltage
VSS
VDD
VDDA,
Analog Supply Voltage
VDD-0.3
VDD
VDD+0.3
VSSA
Analog Ground
VSS-0.3
VSS
VSS+0.3
fOSC
1)2)
Oscillator Frequency
2
20
MHz
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
5.5
0
2
4
6
8
10
12
14
16
18
20
Functionality not guarateed in this area
Functionality not guarateed in this area
Functionality guarateed in this area
Vdd (V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com